Electronic Components Datasheet Search
  English  ▼

X  

AD8350 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8350
Description  Low Distortion 1.0 GHz Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8350 Datasheet HTML 8Page - Analog Devices AD8350 Datasheet HTML 9Page - Analog Devices AD8350 Datasheet HTML 10Page - Analog Devices AD8350 Datasheet HTML 11Page - Analog Devices AD8350 Datasheet HTML 12Page - Analog Devices AD8350 Datasheet HTML 13Page - Analog Devices AD8350 Datasheet HTML 14Page - Analog Devices AD8350 Datasheet HTML 15Page - Analog Devices AD8350 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
AD8350
–12–
EVALUATION BOARD
Figure 13 shows the schematic of the AD8350 evaluation board,
for SOIC, as it is shipped from the factory. The board is config-
ured to allow easy evaluation using single-ended 50
Ω test
equipment. The input and output transformers have a 4-to-1
impedance ratio and transform the AD8350’s 200
Ω input and
output impedances to 50
Ω. In this mode, 0 Ω resistors (R1 and
R4) are required.
To allow compensation for the insertion loss of the transform-
ers, a calibration path is provided at Test In and Test Out. This
consists of two transformers connected back to back.
To drive and load the board differentially, transformers T1 and
T2 should be removed and replaced with four 0
Ω resistors
(0805 size); Resistors R1 and R4 (0
Ω) should also be removed.
This yields a circuit with a broadband input and output impedance
of 200
Ω. To match to impedances other than this, matching
components (0805 size) can be placed on pads C1, C2, C3, C4,
L1, and L2.
8
7
6
5
1
2
3
4
AD8350
–
+VS
C5
0.1 F
L1
(OPEN)
L2
(OPEN)
C3
0.001 F
C2
0.001 F
C4
0.001 F
+VS
1
2
3
A
B
SW1
61
R2
0
C1
0.001 F
R1
0
T1: TC4-1W
(MINI CIRCUITS)
IN–
IN+
R3
0
6
T2: TC4-1W
(MINI CIRCUITS)
R4
0
OUT–
OUT+
16
T4: TC4-1W
(MINI CIRCUITS)
TEST OUT
61
T3: TC4-1W
(MINI CIRCUITS)
TEST IN
1
Figure 13. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com