Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8331ARQZ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8331ARQZ Datasheet HTML 4Page - Analog Devices AD8331ARQZ Datasheet HTML 5Page - Analog Devices AD8331ARQZ Datasheet HTML 6Page - Analog Devices AD8331ARQZ Datasheet HTML 7Page - Analog Devices AD8331ARQZ Datasheet HTML 8Page - Analog Devices AD8331ARQZ Datasheet HTML 9Page - Analog Devices AD8331ARQZ Datasheet HTML 10Page - Analog Devices AD8331ARQZ Datasheet HTML 11Page - Analog Devices AD8331ARQZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 8 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
MODE
VIP
GAIN
VIN
LOP
COML
LMD
LON
VPSL
INH
1
2
3
4
5
6
7
8
9
10
RCLMP
COMM
VOH
ENBV
VCM
VPOS
VOL
HILO
ENBL
COMM
20
19
18
17
16
15
14
13
12
11
AD8331
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. 20-Lead QSOP Pin Configuration (AD8331)
Table 3. 20-Lead QSOP Pin Function Description (AD8331)
Pin No.
Mnemonic
Description
1
LMD
LNA Signal Ground
2
INH
LNA Input
3
VPSL
LNA 5 V Supply
4
LON
LNA Inverting Output
5
LOP
LNA Noninverting Output
6
COML
LNA Ground
7
VIP
VGA Noninverting Input
8
VIN
VGA Inverting Input
9
MODE
Gain Slope Logic Input
10
GAIN
Gain Control Voltage
11
VCM
Common Mode Voltage
12
RCLMP
Output Clamping Level
13
HILO
Gain Range Select (HI or LO)
14
VPOS
VGA 5 V Supply
15
VOH
Noninverting VGA Output
16
VOL
Inverting VGA Output
17
COMM
VGA Ground
18
ENBV
VGA Enable
19
ENBL
LNA Enable
20
COMM
VGA Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com