Electronic Components Datasheet Search
  English  ▼

X  

OP177GP Datasheet(PDF) 11 Page - Analog Devices

Part # OP177GP
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177GP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP177GP Datasheet HTML 7Page - Analog Devices OP177GP Datasheet HTML 8Page - Analog Devices OP177GP Datasheet HTML 9Page - Analog Devices OP177GP Datasheet HTML 10Page - Analog Devices OP177GP Datasheet HTML 11Page - Analog Devices OP177GP Datasheet HTML 12Page - Analog Devices OP177GP Datasheet HTML 13Page - Analog Devices OP177GP Datasheet HTML 14Page - Analog Devices OP177GP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP177
Rev. E | Page 11 of 16
–
+
OP177
R1
100kΩ
R3
1kΩ
2
3
6
VIN
R2
100kΩ
R4
990Ω
R5
10Ω
IOUT ≤ 15mA
–
+
OP177
R1
R3
2
3
6
VIN
R2
R4
R5
IOUT ≤ 100mA
50Ω
+15V
–15V
2N2222
2N2907
IOUT = VIN
R3
R1 × R5
GIVEN R3 = R4 + R5, R1 = R2
BASIC CURRENT SOURCE
100mA CURRENT SOURCE
Figure 29. Bilateral Current Source
0.1µF
+15V
0.1µF
–15V
2
3
7
6
4
0.1µF
+15V
1kΩ
0.1µF
–15V
2
3
7
6
4
C1
30pF
D1
1N4148
2N4393
R3
2kΩ
1kΩ
VOUT
0 < VOUT < 10V
VIN
OP177
–
+
OP177
–
+
Figure 30. Precision Absolute Value Amplifier
0.1µF
+15V
0.1µF
–15V
2
3
7
6
4
0.1µF
+15V
0.1µF
–15V
2
3
7
6
4
1N4148
1kΩ
VOUT
VIN
1kΩ
1kΩ
2N930
CH
1kΩ
RESET
NC
OP177
–
+
AD820
–
+
Figure 31. Precision Positive Peak Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com