Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64-16AI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90CAN64-16AI
Description  Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64-16AI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90CAN64-16AI Datasheet HTML 8Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 9Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 10Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 11Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 12Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 13Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 14Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 15Page - ATMEL Corporation AT90CAN64-16AI Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
7679BS–CAN–11/06
AT90CAN32/64/128
3.
Ordering Information
Notes:
1. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
4.
Packaging Information
Ordering Code
(1)
Speed (MHz)
Power Supply (V)
Package
Operation Range
Product Marking
AT90CAN32-16AI
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
AT90CAN32-IL
AT90CAN32-16MI
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
AT90CAN32-IL
AT90CAN32-16AU
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
Green
AT90CAN32-UL
AT90CAN32-16MU
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
Green
AT90CAN32-UL
AT90CAN64-16AI
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
AT90CAN64-IL
AT90CAN64-16MI
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
AT90CAN64-IL
AT90CAN64-16AU
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
Green
AT90CAN64-UL
AT90CAN64-16MU
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
Green
AT90CAN64-UL
AT90CAN128-16AI
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
AT90CAN128-IL
AT90CAN128-16MI
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
AT90CAN128-IL
AT90CAN128-16AU
16
2.7 - 5.5
64A
Industrial (-40°to +85°C)
Green
AT90CAN128-UL
AT90CAN128-16MU
16
2.7 - 5.5
64M1
Industrial (-40°to +85°C)
Green
AT90CAN128-UL
Package Type
64A
64-Lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M1
64-Lead, Quad Flat No lead (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com