Electronic Components Datasheet Search
  English  ▼

X  

MBR0540 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR0540
Description  1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0540 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR0540 Datasheet HTML 1Page - ON Semiconductor MBR0540 Datasheet HTML 2Page - ON Semiconductor MBR0540 Datasheet HTML 3Page - ON Semiconductor MBR0540 Datasheet HTML 4Page - ON Semiconductor MBR0540 Datasheet HTML 5Page - ON Semiconductor MBR0540 Datasheet HTML 6Page - ON Semiconductor MBR0540 Datasheet HTML 7Page - ON Semiconductor MBR0540 Datasheet HTML 8Page - ON Semiconductor MBR0540 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP1546
http://onsemi.com
3
PACKAGE PIN DESCRIPTION
PIN NO.
PIN SYMBOL
FUNCTION
1
BOOST
The BOOST pin provides additional drive voltage to the on−chip NPN power transistor. The
resulting decrease in switch on voltage increases efficiency.
2
VIN
This pin is the main power input to the IC.
3
VSW
This is the connection to the emitter of the on−chip NPN power transistor and serves as the
switch output to the inductor. This pin may be subjected to negative voltages during switch off−
time. A catch diode is required to clamp the pin voltage in normal operation. This node can
stand −1.0 V for less than 50 ns during switch node flyback.
4
SHDNB
The shutdown pin is active low and TTL compatible. The IC goes into sleep mode, drawing less
than 1.0
mA when the pin voltage is pulled below 1.0 V.
This pin should be left floating in normal position.
5
SYNC
This pin provides the synchronization input.
6
GND
Power return connection for the IC.
7
VFB
The FB pin provides input to the inverting input of the error amplifier. If VFB is lower than 0.29 V,
the oscillator frequency is divided by four, and current limit folds back to about 1 ampere. These
features protect the IC under severe overcurrent or short circuit conditions.
8
VC
The VC pin provides a connection point to the output of the error amplifier and input to the PWM
comparator. Driving of this pin should be avoided because on−chip test circuitry becomes active
whenever current exceeding 0.5 mA is forced into the IC.
9, 11, 12, 14, 15, 18
NC
No Connection
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
BOOST
VIN
VIN
VIN
Vsw
VSW
VSW
SHDNB
NC
NC
VC
VFB
NC
NC
GND
NC
NC
SYNC
18−Lead DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com