Electronic Components Datasheet Search
  English  ▼

X  

MBR0540 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR0540
Description  1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0540 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR0540 Datasheet HTML 1Page - ON Semiconductor MBR0540 Datasheet HTML 2Page - ON Semiconductor MBR0540 Datasheet HTML 3Page - ON Semiconductor MBR0540 Datasheet HTML 4Page - ON Semiconductor MBR0540 Datasheet HTML 5Page - ON Semiconductor MBR0540 Datasheet HTML 6Page - ON Semiconductor MBR0540 Datasheet HTML 7Page - ON Semiconductor MBR0540 Datasheet HTML 8Page - ON Semiconductor MBR0540 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP1547
http://onsemi.com
2
Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter
D2
Vout (3.3 V)
Vin (7 V to 16 V)
D1
R2
127
R3
205
+
U1
NC
NC
NC
NC
SYNC
NC
NC
NC
Vsw
SHDNB
NC
Vfb
Vc
BOOST
Vin
GND
+
R6
10k
SHDNB
SYNC
C3
100
mF
L1
27
mH
C1
1
mF
NCP1547
C4
0.1
mF
C5
0.1
mF
C2
330
mF
MAXIMUM RATINGS*
Rating
Value
Unit
Peak Transient Voltage (31 V Load Dump @ VIN = 14 V)
45
V
Operating Junction Temperature Range, TJ
−40 to 125
°C
Lead Temperature Soldering:
Reflow: (Note 1)
240 peak
(Note 2)
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD
(Human Body Model)
(Machine Model)
(Charge Device Model)
2.0
200
>1.0
kV
V
kV
Package Thermal Resistance
18−Lead DFN Junction−to−Ambient, RqJA
35
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*The maximum package power dissipation must be observed.
1. 60 second maximum above 183
°C.
2. −5
°C/0°C allowable conditions.
MAXIMUM RATINGS (Voltages are with respect to GND)
Pin Name
VMax
VMIN
ISOURCE
ISINK
VIN (DC)*
40 V
−0.3 V
N/A
4.0 A
BOOST
40 V
−0.3 V
N/A
100 mA
VSW
40 V
−0.6 V/−1.0 V, t < 50 ns
4.0 A
10 mA
VC
7.0 V
−0.3 V
1.0 mA
1.0 mA
SHDNB
7.0 V
−0.3 V
1.0 mA
1.0 mA
SYNC
7.0 V
−0.3 V
1.0 mA
1.0 mA
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
*See table above for load dump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com