Electronic Components Datasheet Search
  English  ▼

X  

AT93C46 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT93C46
Description  Three-wire Serial EEPROMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT93C46 Datasheet HTML 9Page - ATMEL Corporation AT93C46 Datasheet HTML 10Page - ATMEL Corporation AT93C46 Datasheet HTML 11Page - ATMEL Corporation AT93C46 Datasheet HTML 12Page - ATMEL Corporation AT93C46 Datasheet HTML 13Page - ATMEL Corporation AT93C46 Datasheet HTML 14Page - ATMEL Corporation AT93C46 Datasheet HTML 15Page - ATMEL Corporation AT93C46 Datasheet HTML 16Page - ATMEL Corporation AT93C46 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
AT93C46/56/66
0172Z–SEEPR–9/05
Notes:
1. This device is not recommended for new designs. Please refer to AT93C66A.
2. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in Table 3 on page 3 and Table 4 on
page 4.
AT93C66(1) Ordering Information
Ordering Code(2)
Package
Operation Range
AT93C66-10PI-2.7
AT93C66-10SI-2.7
AT93C66W-10SI-2.7
AT93C66-10TI-2.7
AT93C66Y1-10YI-2.7
8P3
8S1
8S2
8A2
8Y1
Industrial
(
−40°C to 85°C)
AT93C66-10PI-1.8
AT93C66-10SI-1.8
AT93C66W-10SI-1.8
AT93C66-10TI-1.8
AT93C66Y1-10YI-1.8
8P3
8S1
8S2
8A2
8Y1
Industrial
(
−40°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8A2
8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
8Y1
8-lead, 4.90 mm x 3.00 mm Body, Dual Footprint, Non-leaded, Miniature Array Package (MAP)
Options
−2.7
Low Voltage (2.7V to 5.5V)
−1.8
Low Voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com