Electronic Components Datasheet Search
  English  ▼

X  

AT24C64 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C64
Description  2-Wire Serial EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C64 Datasheet HTML 9Page - ATMEL Corporation AT24C64 Datasheet HTML 10Page - ATMEL Corporation AT24C64 Datasheet HTML 11Page - ATMEL Corporation AT24C64 Datasheet HTML 12Page - ATMEL Corporation AT24C64 Datasheet HTML 13Page - ATMEL Corporation AT24C64 Datasheet HTML 14Page - ATMEL Corporation AT24C64 Datasheet HTML 15Page - ATMEL Corporation AT24C64 Datasheet HTML 16Page - ATMEL Corporation AT24C64 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
AT24C32/64
0336K–SEEPR–7/03
Note:
For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics tables.
AT24C32 Ordering Information
Ordering Code
Package
Operation Range
AT24C32-10PI-2.7
AT24C32N-10SI-2.7
AT24C32W-10SI-2.7
8P3
8S1
8S2
Industrial
(-40
°C to 85°C)
AT24C32-10PI-1.8
AT24C32N-10SI-1.8
AT24C32W-10SI-1.8
8P3
8S1
8S2
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead, 0.200” Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
Options
-2.7
Low Voltage (2.7V to 5.5V)
-1.8
Low Voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com