Electronic Components Datasheet Search
  English  ▼

X  

AT24C21 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C21
Description  2-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C21 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C21 Datasheet HTML 1Page - ATMEL Corporation AT24C21 Datasheet HTML 2Page - ATMEL Corporation AT24C21 Datasheet HTML 3Page - ATMEL Corporation AT24C21 Datasheet HTML 4Page - ATMEL Corporation AT24C21 Datasheet HTML 5Page - ATMEL Corporation AT24C21 Datasheet HTML 6Page - ATMEL Corporation AT24C21 Datasheet HTML 7Page - ATMEL Corporation AT24C21 Datasheet HTML 8Page - ATMEL Corporation AT24C21 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
AT24C21
0405I–SEEPR–7/03
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open drain or open
collector devices.
SERIAL CLOCK (VCLK): Upon power-up, the device is in the Transmit-only mode and
will transmit the entire memory contents via the SDA pin with positive signals on the
VCLK pin.
Memory Organization AT24C21, 1K SERIAL EEPROM: Internally organized with 128 pages of one byte each.
The 1K requires a 7-bit data word address for random word addressing.
Note:
1. VIL min and VIH max are for reference only and not tested.
Note:
1. This parameter is characterized and is not 100% tested.
DC Characteristics
Applicable over recommended operating range from: TAI = -40°C to +85°C, TAC = 0°C to +70°C, VCC = +2.5V to +5.5V
(unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.5
5.5
V
ICC
Supply Current VCC = 5.0V
READ at 100 KHz
0.4
1.0
mA
ICC
Supply Current VCC = 5.0V
WRITE at 100 KHz
2.0
3.0
mA
ISB
Standby Current
VCC = 2.5V
VCC = 5.0V
VIN = VCC or VSS
VIN = VCC or VSS
3.0
12.0
4.0
30.0
µA
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
1.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
1.0
µA
V
IL
Input Low Level
(1) SCL, SDA Pin
Input Low Level VCLK Pin
V
CC ≥ 2.7V
VCC < 2.7V
-0.6
V
CC × 0.3
0.8
0.2
× V
CC
V
V
V
V
IH
Input High Level
(1) SCL, SDA Pin
Input High Level VCLK Pin
V
CC × 0.7
2.0
V
CC + 0.5
V
V
V
OL
Output Low Level V
CC = 3.0V
I
OL = 2.1 mA
0.40
V
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL, VCLK)
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com