Electronic Components Datasheet Search
  English  ▼

X  

AT43301-SC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43301-SC
Description  Low-cost USB Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43301-SC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43301-SC Datasheet HTML 1Page - ATMEL Corporation AT43301-SC Datasheet HTML 2Page - ATMEL Corporation AT43301-SC Datasheet HTML 3Page - ATMEL Corporation AT43301-SC Datasheet HTML 4Page - ATMEL Corporation AT43301-SC Datasheet HTML 5Page - ATMEL Corporation AT43301-SC Datasheet HTML 6Page - ATMEL Corporation AT43301-SC Datasheet HTML 7Page - ATMEL Corporation AT43301-SC Datasheet HTML 8Page - ATMEL Corporation AT43301-SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
1137J–USB–01/06
AT43301
The AT43301 consists of a Serial Interface Engine, a Hub Repeater, and a Hub Controller.
The Serial Interface Engine’s tasks are:
• Manage the USB communication protocol
• USB signaling detection/generation
• Clock/data separation, data encoding/decoding, CRC generation/checking
• Data serialization/deserialization
The Hub Repeater is responsible for:
• Providing upstream connectivity between the selected device and the host
• Managing connectivity setup and tear-down
• Handling bus fault detection and recovery
• Detecting connect/disconnect on each port
The Hub Controller is responsible for:
• Hub enumeration
• Providing configuration information to the Host
• Providing status of each port to the Host
• Controlling each port per host command
• Managing port power supply
1.1
Block Diagram
Figure 1-2.
AT43301 Block Diagram
Note:
This document assumes that the reader is familiar with the Universal Serial Bus and therefore only
describes the unique features of the AT43301 controller. For detailed information about the USB
and its operation, the reader should refer to the Universal Serial Bus Specification Version 1.1,
September 23, 1998.
HUB
CONTROLLER
SERIAL
INTERFACE
ENGINE
HUB
REPEATER
ENDPOINT 0
ENDPOINT 1
PORT 1
PORT 2
PORT 3
PORT 4
TO DOWNSTREAM DEVICES
UPSTREAM PORT
PORT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com