Electronic Components Datasheet Search
  English  ▼

X  

BYV29 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV29
Description  Rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV29 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV29 Datasheet HTML 1Page - NXP Semiconductors BYV29 Datasheet HTML 2Page - NXP Semiconductors BYV29 Datasheet HTML 3Page - NXP Semiconductors BYV29 Datasheet HTML 4Page - NXP Semiconductors BYV29 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV29 series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V/ 400 V/ 500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.03 V
• High thermal cycling performance
• Low thermal resistance
I
F(AV) = 9 A
t
rr ≤ 60 ns
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Ultra-fast, epitaxial rectifier diodes
PIN
DESCRIPTION
intended for use as output rectifiers
in high frequency switched mode
1
cathode
power supplies.
2
anode
The BYV29 series is supplied in the
conventional
leaded
SOD59
tab
cathode
(TO220AC) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV29
-300
-400
-500
V
RRM
Peak repetitive reverse voltage
-
300
400
500
V
V
RWM
Crest working reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
-
300
400
500
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
-
9
A
T
mb ≤ 123 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
18
A
T
mb ≤ 123 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current.
t = 8.3 ms
-
110
A
sinusoidal; with reapplied
V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.5
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
k
a
12
1
tab
2
1 Neglecting switching and reverse current losses.
September 1998
1
Rev 1.300


Similar Part No. - BYV29

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV29 WEEN-BYV29 Datasheet
382Kb / 7P
Rectifier diodes ultrafast
logo
Vishay Siliconix
BYV29-300 VISHAY-BYV29-300 Datasheet
144Kb / 5P
Ultrafast Rectifier
07-Nov-07
logo
Inchange Semiconductor ...
BYV29-300 ISC-BYV29-300 Datasheet
281Kb / 2P
Ultrafast Power Diode
logo
Vishay Siliconix
BYV29-300-E345 VISHAY-BYV29-300-E345 Datasheet
135Kb / 5P
Ultrafast Rectifier
07-Nov-07
logo
Seme LAB
BYV29-300M SEME-LAB-BYV29-300M Datasheet
22Kb / 2P
HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com