Electronic Components Datasheet Search
  English  ▼

X  

BYV26D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BYV26D
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV26D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BYV26D Datasheet HTML 4Page - NXP Semiconductors BYV26D Datasheet HTML 5Page - NXP Semiconductors BYV26D Datasheet HTML 6Page - NXP Semiconductors BYV26D Datasheet HTML 7Page - NXP Semiconductors BYV26D Datasheet HTML 8Page - NXP Semiconductors BYV26D Datasheet HTML 9Page - NXP Semiconductors BYV26D Datasheet HTML 10Page - NXP Semiconductors BYV26D Datasheet HTML 11Page - NXP Semiconductors BYV26D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1996 May 30
12
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Fig.22 SOD57.
Dimensions in mm.
The marking band indicates the cathode.
handbook, full pagewidth
,

,

,

3.81
max
MBC880
ka
28 min
28 min
4.57
max
0.81
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com