Electronic Components Datasheet Search
  English  ▼

X  

BYV29F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV29F
Description  Rectifier diodes ultrafast
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV29F Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV29F Datasheet HTML 1Page - NXP Semiconductors BYV29F Datasheet HTML 2Page - NXP Semiconductors BYV29F Datasheet HTML 3Page - NXP Semiconductors BYV29F Datasheet HTML 4Page - NXP Semiconductors BYV29F Datasheet HTML 5Page - NXP Semiconductors BYV29F Datasheet HTML 6Page - NXP Semiconductors BYV29F Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV29F, BYV29X series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V/ 400 V/ 500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.03 V
• High thermal cycling performance
• Isolated mounting tab
I
F(AV) = 9 A
t
rr ≤ 60 ns
GENERAL DESCRIPTION
Ultra-fast epitaxial rectifier diodes intended for use in switched mode power supply output rectification, electronic
lighting ballasts and high frequency switching circuits in general.
The BYV29F series is supplied in the SOD100 package.
The BYV29X series is supplied in the SOD113 package.
PINNING
SOD100
SOD113
PIN
DESCRIPTION
1
cathode (k)
2
anode (a)
tab
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV29F/BYV29X
-300
-400
-500
V
RRM
Peak repetitive reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
T
hs ≤ 138˚C
1
-
300
400
500
V
I
F(AV)
Average forward current
2
square wave;
δ = 0.5;
-
9
A
T
hs ≤ 90 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current
t = 8.3 ms
-
110
A
sinusoidal; with reapplied
V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
k
a
12
12
case
12
case
1 T
hs de-rating for thermal stability.
2 Neglecting switching and reverse current losses
February 1999
1
Rev 1.400


Similar Part No. - BYV29F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYV29F EIC-BYV29F Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
WeEn Semiconductors
BYV29F WEEN-BYV29F Datasheet
333Kb / 9P
Rectifier diodes ultrafast
logo
EIC discrete Semiconduc...
BYV29F-300 EIC-BYV29F-300 Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
BYV29F-300 VISHAY-BYV29F-300 Datasheet
144Kb / 5P
Ultrafast Rectifier
07-Nov-07
logo
Inchange Semiconductor ...
BYV29F-300 ISC-BYV29F-300 Datasheet
305Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - BYV29F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
Ultrafast Rectifier Diodes
logo
NXP Semiconductors
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com