Electronic Components Datasheet Search
  English  ▼

X  

RS1AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RS1AF
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RS1AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RS1AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RS1AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS1AF THRU RS1MF
Features
· The plastic package carries Underwriters
Laboratory Flammability Classification 94V-0
· Ideal for printed circuit board
· Glass passivated Junction chip
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed
250℃/10 seconds at terminals
Maximum Ratings and Electrical Characteristics
CURRENT 1.0 A
VOLTAGE 50 to 1000 V
Maximum repetitive peak reverse voltage
Maximum DC reverse current
at rated DC blocking voltage
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Symbols
Units
I(AV)
5
500
Mechanical Data
· Case : Molded plastic body
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Polarity symbol marking on body
· Mounting Position : Any
· Weight : 0.0014 ounce, 0.038 grams
Items
1
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load,
for capacitive load current derate by 20%.)
IFSM
A
V
V
A
Dimensions in inches and (millimeters)
FAST RECOVERY RECTIFIER
Maximum DC blocking voltage
Maximum RMS voltage
Maximum average forward rectified current
at TL=100℃
50
35
70
140
280
420
560
100
200
400
600
800
50
100
200
400
600
800
700
1000
1000
V
V
30
Maxinum reverse recovery time (1)
Typical junction capacitance (2)
RθJA
70
10
Typical thermal resistance
150
250
℃/W
Operating junction and
storage temperature range
TJ, TSTG
-55 to +150
℃
Maximum instantaneous forward voltage at 1.0A
1.3
500
μA
ns
pF
Note :
(1) Reverse recovery time test condition: IF=0.5A IR=1.0A IRR=0.25A
(2) Measured at 1MHz and applied reverse voltage of 4.0V D.C.
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TA=125℃
TA=25℃
VRRM
VRMS
VDC
VF
IR
TRR
CJ
SMAF
0.002(0.05)
0.011(0.30)
0.035(0.90)
0.051(1.30)
0.130(3.30)
0.146(3.70)
0.090(2.30)
0.110(2.80)
0.047(1.20)
0.063(1.60)
0.019(0.50) Min.
0.169(4.30)
0.193(4.90)
RS1AF RS1BF RS1DF RS1GF RS1JF
RS1KF RS1MF


Similar Part No. - RS1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
RS1AF ETC2-RS1AF Datasheet
529Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
1.0A Fast Recovery Rectifier
logo
Microdiode Semiconducto...
RS1AF CHENDA-RS1AF Datasheet
632Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS1AF YFWDIODE-RS1AF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
More results

Similar Description - RS1AF

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com