Electronic Components Datasheet Search
  English  ▼

X  

SL38 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SL38
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SL38 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SL38 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SL38 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES SL34 THRU SL320
4.0
3.0
2.0
1.0
0
1000
100
10
1.0
0.1
0.01
0
40
20
60
80
100
90
0
30
60
120
150
INSTANTANEOUS FORWARD VOLTAGE (V)
10
1.0
0.1
0.01
0.4
0.8
0
1.2
NUMBER OF CYCLES AT 60Hz
100
80
60
20
1
10
100
40
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TJ=25℃
TJ=100℃
SL34~SL35
SL36
SL38~SL310
SL315~SL320
TA=25℃
PULSE WIDTH=300μs
TA=100℃
SINGLE HALF SINE WAVE
(JEDEC METHOD)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com