Electronic Components Datasheet Search
  English  ▼

X  

SS52 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS52
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS52 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS52 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS52 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS52 THRU SS520
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
260℃/10 seconds at terminals
· Component in accordance
RoHS 2011/65/EU and WEEE 2002/96/EC
Maximum Ratings and Electrical Characteristics (TA=25°C unless otherwise noted)
CURRENT 5.0 A
VOLTAGE 20 to 200 V
Mechanical Data
· Case : JEDEC DO-214AA(SMB) Molding
compound meets UL 94 V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Laser band denotes cathode end
Dimensions in inches and (millimeters)
SCHOTTKY BARRIER RECTIFIER
https://dec.co.kr
DAESAN ELECTRONIC CORP.
DO-214AA (SMB)
0.006(0.152)
0.012(0.305)
0.205(5.21)
0.220(5.59)
0.084(2.13)
0.096(2.44)
0.169(4.30)
0.193(4.90)
0.130(3.30)
0.155(3.94)
0.008(0.203)
MAX.
0.075(1.91)
0.083(2.11)
0.030(0.76)
0.060(1.52)
Maximum repetitive peak reverse voltage
Thermal resistance from junction to lead (2)
Maximum average forward rectified current
at TL (see Fig.1)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
VRRM
VRMS
Symbols
Units
VDC
IF(AV)
25
Items
IFSM
A
A
V
Maximum RMS voltage
Maximum DC blocking voltage
V
V
150
5.0
Operating junction and storage
temperature range
TJ, TSTG
-65 to +125
-65 to +150
℃
℃/W
RθJL
mA
VF
0.5
10
0.85
0.55
0.50
0.70
0.95
IR
V
Instantaneous forward voltage
at
IF=5.0A (1)
Reverse current
at VR=VDC
TJ=25℃
TJ=100℃
Notes:
(1) Pulse test: 300μs pulse width, 1% duty cycle
(2) Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
SS52 SS53 SS54 SS55 SS56
SS515 SS520
20
35
50
60
200
42
150
105
140
30
21
14
40
SS58
80
56
SS510
100
20
50
60
200
150
30
40
80
100
70
28


Similar Part No. - SS52

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS52 JINANJINGHENG-SS52 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS52 YANGJIE-SS52 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS52 FRONTIER-SS52 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS52 LUGUANG-SS52 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS52 LUGUANG-SS52 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com