Electronic Components Datasheet Search
  English  ▼

X  

SS110 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS110
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS110 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS110 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS110 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12 THRU SS120
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
260℃/10 seconds at terminals
· Component in accordance to RoHS
2011/65/EU and WEEE 2002/96/EC
Maximum Ratings and Electrical Characteristics (TA=25°C unless otherwise noted)
CURRENT 1.0 A
VOLTAGE 20 to 200 V
Mechanical Data
· Case : JEDEC DO-214AC(SMA) Molding
compound meets UL 94V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Laser band denotes cathode end
· Marking : type number
Dimensions in inches and (millimeters)
SCHOTTKY BARRIER RECTIFIER
Notes:
(1) Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
(2) Pulse test:300μs pulse width,1% duty cycle.
https://dec.co.kr
DAESAN ELECTRONIC CORP.
Maximum repetitive peak reverse voltage
Operating junction and storage
temperature range
Maximum average forward
rectified current (see Fig.1)
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
Instantaneous forward voltage at IF=1.0A (1)
VRRM
VRMS
Symbols
Units
VDC
IF(AV)
0.5
5.0
35
Items
RθJL
14
IFSM
A
A
V
Maximum RMS voltage
Maximum DC blocking voltage
SS12
20
21
30
28
40
35
50
42
60
56
80
105
150
V
V
40
1.0
Thermal resistance from junction to lead (2)
IR
SS13 SS14
SS15 SS16 SS18
70
100
20
30
40
50
60
80
150
100
SS110 SS115
140
200
200
SS120
-65 to +150
-65 to +125
℃
Reverse current
VR=VDC
0.70
0.55
0.50
0.95
0.85
mA
℃/W
VF
V
TJ=25℃
TJ=100℃
DO-214AC (SMA)
0.006(0.152)
0.012(0.305)
0.194(4.93)
0.222(5.65)
0.078(1.98)
0.960(2.42)
0.157(3.99)
0.177(4.50)
0.100(2.54)
0.110(2.80)
0.008(0.203)
MAX.
0.049(1.25)
0.067(1.70)
0.030(0.76)
0.060(1.52)
TJ, TSTG


Similar Part No. - SS110

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Micro Commercial Compon...
SS110 MCC-SS110 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SS110 TSC-SS110 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS110 TSC-SS110 Datasheet
59Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
SS110 TAITRON-SS110 Datasheet
175Kb / 3P
1.0A Surface Mount Schottky Rectifier
More results

Similar Description - SS110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com