Electronic Components Datasheet Search
  English  ▼

X  

SS310 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS310
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS310 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS310 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS310 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32 THRU SS320
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
Maximum Ratings and Electrical Characteristics (TA=25
)
Notes:
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
half sine-wave superimposed on rated load
VDC
Maximum average forward
rectified current at TL
V
Symbols
Units
VRMS
A
IFSM
A
Reverse current
IF
Thermal resistance from junction to lead
V
mA
TA=25
TA
R JL
IR
Items
Mechanical Data
· Terminals : Solder plated, solderable per
· Polarity : Laser band denotes cathode end
VRRM
IF(AV)
V
SS32
20
20
Operating junction and storage
temperature range
VOLTAGE 20 to 200 V
20
TJ,TSTG
3
V
VF
(2)
30
30
SS33
56
Dimensions in inches and (millimeters)
VR=VDC
50
35
50
SS35
60
60
SS36
200
200
SS320
Instantaneous forward voltage
SCHOTTKY BARRIER RECTIFIER
DAESAN ELECTRONIC CORP.


Similar Part No. - SS310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310 TSC-SS310 Datasheet
57Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS310 TSC-SS310 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS310 DAESAN-SS310 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS310 BILIN-SS310 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS310 TAITRON-SS310 Datasheet
200Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com