Electronic Components Datasheet Search
  English  ▼

X  

UP7704 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP7704
Description  2A Ultra Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7704 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP7704 Datasheet HTML 1Page - uPI Group Inc. UP7704 Datasheet HTML 2Page - uPI Group Inc. UP7704 Datasheet HTML 3Page - uPI Group Inc. UP7704 Datasheet HTML 4Page - uPI Group Inc. UP7704 Datasheet HTML 5Page - uPI Group Inc. UP7704 Datasheet HTML 6Page - uPI Group Inc. UP7704 Datasheet HTML 7Page - uPI Group Inc. UP7704 Datasheet HTML 8Page - uPI Group Inc. UP7704 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
uP7704
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F00, File Name: uP7704-DS-F0001
2
.
o
N
n
i
P
e
m
a
Nn
o
i
t
c
n
u
F
n
i
P
P
O
S
PN
F
D
W
15
K
O
P
.
n
o
i
t
a
c
i
d
n
I
K
O
r
e
w
o
P
V
e
c
n
o
e
c
n
a
d
e
p
m
i
h
g
i
h
t
e
s
s
i
d
n
a
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
n
a
s
i
n
i
p
s
i
h
T
T
U
O
.
e
g
a
t
l
o
v
g
n
i
t
a
r
s
t
i
f
o
%
0
9
s
e
h
c
a
e
r
26
N
E
.
t
u
p
n
I
e
l
b
a
n
E
t
n
e
c
s
e
i
u
q
e
h
t
g
n
i
c
u
d
e
r
,
f
f
o
r
o
t
a
l
u
g
e
r
e
h
t
s
n
r
u
t
V
4
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
P
.
e
u
l
a
v
g
n
i
t
a
r
e
p
o
s
t
i
f
o
n
o
i
t
c
a
r
f
a
o
t
t
n
e
r
r
u
c
39
,
8
,
7N
I
V
.
e
g
a
t
l
o
V
t
u
p
n
I
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
c
i
v
e
d
r
e
w
o
p
e
h
t
o
t
t
u
p
n
i
n
i
a
r
d
e
h
t
s
i
s
i
h
T
t
n
e
v
e
r
p
o
n
i
p
s
i
h
t
o
t
e
s
o
l
c
y
ll
a
c
i
s
y
h
p
d
e
c
a
l
p
e
b
d
l
u
o
h
s
R
S
E
w
o
l
h
t
i
w
s
r
o
t
i
c
a
p
a
c
k
l
u
b
e
g
r
a
L
.
n
i
p
s
i
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
7
.
4
A
.
t
n
e
i
s
n
a
r
t
d
a
o
l
e
g
r
a
l
g
n
i
r
u
d
g
n
i
p
p
o
r
d
m
o
r
f
l
i
a
r
t
u
p
n
i
e
h
t
V
.
n
i
p
s
i
h
t
t
a
d
e
d
n
e
m
m
o
c
e
r
N
I
V
n
a
h
t
r
e
h
g
i
h
d
e
c
r
o
f
e
b
t
o
n
n
a
c
L
T
N
C
t
i
m
il
t
n
e
r
r
u
c
e
h
t
e
s
i
w
r
e
h
t
o
.
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
e
l
b
a
s
i
d
d
n
a
d
e
r
e
g
g
i
r
t
e
s
l
a
f
e
b
y
a
m
n
o
i
t
c
n
u
f
40
1L
T
N
C
.
t
i
u
c
r
i
C
l
o
r
t
n
o
C
r
o
f
t
u
p
n
I
y
l
p
p
u
S
d
n
a
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
e
h
t
o
t
e
g
a
t
l
o
v
s
a
i
b
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
e
h
t
o
t
d
e
n
o
i
t
r
o
p
o
r
p
s
i
t
n
e
r
r
u
c
t
u
p
t
u
o
f
o
y
t
il
i
b
a
p
a
c
g
n
i
v
i
r
d
e
h
T
.
r
o
t
s
i
s
n
a
r
t
s
s
a
p
e
h
t
r
o
f
r
e
v
i
r
d
V
L
T
N
C
n
a
h
t
r
e
t
a
e
r
g
V
5
.
1
t
s
a
e
l
t
a
e
b
t
s
u
m
n
i
p
s
i
h
t
n
o
e
g
a
t
l
o
v
e
h
t
,
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
e
h
t
r
o
F
.
V
n
a
h
t
s
s
e
l
o
n
d
n
a
,
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
.
N
I
M
_
L
T
N
C
5X
C
N
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
63
,
2
,
1T
U
O
V
.
e
g
a
t
l
o
V
t
u
p
t
u
O
e
h
t
n
e
h
w
s
t
s
i
x
e
e
c
n
a
t
s
i
s
e
r
w
o
l
ll
u
p
A
.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
s
i
n
i
p
s
i
h
T
e
g
r
a
l
o
t
e
s
n
o
p
s
e
r
t
n
e
i
s
n
a
r
t
e
t
a
u
q
e
d
a
n
i
a
t
n
i
a
m
o
T
.
n
i
p
N
E
e
h
t
w
o
l
g
n
il
l
u
p
y
b
d
e
l
b
a
s
i
d
s
i
e
c
i
v
e
d
s
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
0
1
h
t
i
w
r
o
t
i
c
a
p
a
c
c
i
t
y
l
o
r
t
c
e
l
e
l
A
F
u
0
0
0
1
f
o
e
u
l
a
v
l
a
c
i
p
y
t
,
e
g
n
a
h
c
d
a
o
l
.
T
U
O
V
n
o
s
t
n
e
i
s
n
a
r
t
t
n
e
r
r
u
c
f
o
s
t
c
e
f
f
e
e
h
t
e
c
u
d
e
r
o
t
d
e
d
n
e
m
m
o
c
e
r
e
r
a
74
B
F
.
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
m
o
r
f
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
A
.
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
o
t
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
V
s
a
e
g
a
t
l
o
v
n
o
i
t
a
l
u
g
e
r
e
h
t
t
e
s
o
t
d
e
s
u
s
i
D
N
G
o
t
t
u
p
t
u
o
e
h
t
T
U
O
)
V
(
1
R
/
)
2
R
+
1
R
(
x
8
.
0
=
8X
D
N
G
.
d
n
u
o
r
G
d
a
P
d
e
s
o
p
x
ED
N
G
.
d
n
u
o
r
G
d
e
r
e
d
l
o
s
e
b
d
l
u
o
h
s
d
n
a
h
t
a
p
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
t
n
a
n
i
m
o
d
e
h
t
s
t
c
a
d
a
p
d
e
s
o
p
x
e
e
h
T
e
h
t
n
i
d
e
b
i
r
c
s
e
d
s
a
s
d
a
p
B
C
P
d
e
n
g
i
s
e
d
ll
e
w
o
t
.
r
e
t
p
a
h
C
s
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
i
l
p
p
A
Functional Pin Description
Functional Block Diagram
VIN
Power On
Reset
Softstart &
Control Logic
Thermal Limit
Current Limit
Delay
90% VREF
CNTL
EN
FB
POK
GND
VOUT
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com