Electronic Components Datasheet Search
  English  ▼

X  

AMC130M03DFMR Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC130M03DFMR
Description  AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M03DFMR Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC130M03DFMR Datasheet HTML 29Page - Texas Instruments AMC130M03DFMR Datasheet HTML 30Page - Texas Instruments AMC130M03DFMR Datasheet HTML 31Page - Texas Instruments AMC130M03DFMR Datasheet HTML 32Page - Texas Instruments AMC130M03DFMR Datasheet HTML 33Page - Texas Instruments AMC130M03DFMR Datasheet HTML 34Page - Texas Instruments AMC130M03DFMR Datasheet HTML 35Page - Texas Instruments AMC130M03DFMR Datasheet HTML 36Page - Texas Instruments AMC130M03DFMR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
8.4 Device Functional Modes
Figure 8-17 shows a state diagram depicting the major functional modes of the AMC130M03 and the transitions
between them.
Reset
complete
GC_EN
GC_EN
Reset
Continuous
Conversion Mode
Global Chop
Mode
Standby
Mode
STANDBY
WAKEUP && GC_EN
STANDBY
WAKEUP
&& GC_EN
POR, pin reset, or
RESET command
Figure 8-17. State Diagram Depicting Device Functional Modes
8.4.1 Power-Up and Reset
The AMC130M03 is reset in one of three ways: by a power-on reset (POR), by the SYNC/RESET pin, or by
a RESET command. After a reset occurs, the configuration registers are reset to the default values. Therefore,
the DC/DC converter is disabled when a reset occurs. The internal DC/DC converter must be enabled after any
type of reset for the device to begin generating conversion data, such as the power-on-reset, or a reset using a
RESET command, or a reset using the SYNC/RESET pin.
8.4.1.1 Power-On Reset
Power-on reset (POR) is the reset that occurs when a valid supply voltage is first applied. The POR process
requires tPOR from when the supply voltages reach 90% of the nominal value. Internal circuitry powers up and
the registers are set to the default state during this time. The DRDY pin transitions from low to high immediately
after tPOR, indicating the SPI interface is ready for communication. The device ignores any SPI communication
before this point.
See the Start-Up Behavior After Power-Up section for a recommended procedure to ensure a correct start-up
behavior at power-up.
8.4.1.2 SYNC/RESET Pin
The SYNC/RESET pin is an active low, dual-function pin that generates a reset if the pin is held low longer
than tw(RSL). The device maintains a reset state until SYNC/RESET is returned high. The host must wait for at
least tREGACQ after SYNC/RESET is brought high before communicating with the device with SPI. Follow the
procedure described in the Start-Up Behavior After a Pin Reset or RESET Command section after the device is
reset.
www.ti.com
AMC130M03
SBASAO0A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AMC130M03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com