Electronic Components Datasheet Search
  English  ▼

X  

LM2105 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM2105
Description  LM2105 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2105 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2105 Datasheet HTML 12Page - Texas Instruments LM2105 Datasheet HTML 13Page - Texas Instruments LM2105 Datasheet HTML 14Page - Texas Instruments LM2105 Datasheet HTML 15Page - Texas Instruments LM2105 Datasheet HTML 16Page - Texas Instruments LM2105 Datasheet HTML 17Page - Texas Instruments LM2105 Datasheet HTML 18Page - Texas Instruments LM2105 Datasheet HTML 19Page - Texas Instruments LM2105 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
PQC = VGVDD × IGVDD + (VGVDD – VF) × IBST = 10V × 0.43mA + (10V – 0.6V) × 0.13mA = 5.52mW
(11)
2. Level-shifter losses, PIBSTS, due high-side leakage current IBSTS is shown in Equation 12.
PIBSTS = VBST × IBSTS × D = 72V × 0.033mA × 0.95 = 2.26mW
(12)
where
• D is the high-side switch duty cycle
3. Dynamic losses, PQG1&2, due to the FETs gate charge QG as shown in Equation 13.
PQG1&2=2×VGVDD×QG×fSW× RGD_R
RGD_R+RGATE+RGFET_INT= 2×10V×17nC×50kHz× 5.25Ω
5.25Ω+4.7Ω+2.2Ω
=7.35mW
(13)
where
• QG = Total FETs gate charge
• fSW = Switching frequency
• RGD_R = Average value of pullup and pulldown resistor
• RGATE = External gate drive resistor
• RGFET_INT = Internal FETs gate resistor
4. Level-shifter dynamic losses, PLS, during high-side switching due to required level-shifter charge on each
switching cycle. For this example it is assumed that value of parasitic charge QP is 2.5 nC, as shown in
Equation 14.
PLS = VBST × QP × fSW = 72V × 2.5nC × 50kHz = 9mW
(14)
In this example, the sum of all the losses is 24 mW as a total gate driver loss. For gate drivers that include
bootstrap diode, one should also estimate losses in the bootstrap diode. Diode forward conduction loss is
computed as product of average forward voltage drop and average forward current.
Equation 15 estimates the maximum allowable power loss of the device for a given ambient temperature.
PMAX=TJ−TARθJA
(15)
where
• PMAX = Maximum allowed power dissipation in the gate driver device
• TJ = Junction temperature
• TA = Ambient temperature
• RθJA = Junction-to-ambient thermal resistance
The thermal metrics for the driver package is summarized in the Thermal Information table of the data sheet.
For detailed information regarding the thermal information table, refer to the Texas Instruments application note
entitled Semiconductor and IC Package Thermal Metrics.
LM2105
SNVSCB0C – JANUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com