Electronic Components Datasheet Search
  English  ▼

X  

OPA387 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA387 Datasheet HTML 12Page - Texas Instruments OPA387 Datasheet HTML 13Page - Texas Instruments OPA387 Datasheet HTML 14Page - Texas Instruments OPA387 Datasheet HTML 15Page - Texas Instruments OPA387 Datasheet HTML 16Page - Texas Instruments OPA387 Datasheet HTML 17Page - Texas Instruments OPA387 Datasheet HTML 18Page - Texas Instruments OPA387 Datasheet HTML 19Page - Texas Instruments OPA387 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx387 are unity-gain stable, precision, operational amplifiers featuring state-of-the-art, zero-drift
technology. The use of proprietary zero-drift circuitry gives the benefit of low input offset voltage over time
and temperature, as well as lower 1/f noise component. As a result of the high PSRR, the devices work well in
applications that run directly from battery power without regulation. The OPAx387 family is optimized for full rail-
to-rail input, allowing for low-voltage, single-supply operation or split-supply use. These miniature, high-precision,
low-noise amplifiers offer high-impedance inputs that have a common-mode range 100 mV beyond the supplies
without input crossover distortion, and a rail-to-rail output that swings within 5 mV of the supplies under normal
test conditions. The OPAx387 precision amplifiers are designed for upstream analog signal-chain applications in
low or high gains, as well as downstream signal-chain functions, such as DAC buffering.
8.1.1 Zero-Drift Clocking
The OPAx387 use an advanced zero-drift architecture to achieve ultra-low offset and offset drift. This
architecture uses a clock and switches internally to create a dc error-correction path. The clocking is filtered
internally, and typically not observable for most configurations. Take the following precautions to minimize clock
noise in the signal chain. The clocking creates a small charge-injection pulse at the input of the amplifier;
therefore, do not use high-value resistors (> 100 kΩ) in series with the inputs to avoid higher clock voltage noise
at the output. The charge injection pulses are minimized when the impedance to the input pins is matched. If
higher value resistors are used, then use matching impedances on both amplifier input pins.
8.2 Typical Applications
8.2.1 Bidirectional Current Sensing
This single-supply, low-side, bidirectional current-sensing design example detects load currents from –1 A to +1
A. The single-ended output spans from 110 mV to 3.19 V. This design uses the OPAx387 because of the device
low offset voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier
and the other amplifier provides the reference voltage. Figure 8-1 shows the design example schematic.
+
+
–
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
–
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
3
R
L
R
5
R
6
R
2
R
1
Figure 8-1. Bidirectional Current-Sensing Schematic
OPA387, OPA2387, OPA4387
SBOS984G – NOVEMBER 2020 – REVISED SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com