Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVR
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA387DBVR Datasheet HTML 1Page - Texas Instruments OPA387DBVR Datasheet HTML 2Page - Texas Instruments OPA387DBVR Datasheet HTML 3Page - Texas Instruments OPA387DBVR Datasheet HTML 4Page - Texas Instruments OPA387DBVR Datasheet HTML 5Page - Texas Instruments OPA387DBVR Datasheet HTML 6Page - Texas Instruments OPA387DBVR Datasheet HTML 7Page - Texas Instruments OPA387DBVR Datasheet HTML 8Page - Texas Instruments OPA387DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Pin Configuration and Functions
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 5-1. OPA387: DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions: OPA387
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN
4
Input
Inverting input
+IN
3
Input
Noninverting input
OUT
1
Output
Output
V–
2
Power
Negative (lowest) power supply
V+
5
Power
Positive (highest) power supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-2. OPA2387: D Package, 8-Pin SOIC and
DGK Package, 8-Pin VSSOP
(Top View)
8
V+
7
6
±IN B
5
+IN B
Not to scale
Thermal
Pad
OUT B
2
±IN A
3
+IN A
1
OUT A
4
V±
Figure 5-3. OPA2387: DSG Package, 8-Pin WSON
With Exposed Thermal (Top View)
Table 5-2. Pin Functions: OPA2387
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC),
DGK (VSSOP)
DSG (WSON)
–IN A
2
2
Input
Inverting input, channel A
–IN B
6
6
Input
Inverting input, channel B
+IN A
3
3
Input
Noninverting input, channel A
+IN B
5
5
Input
Noninverting input, channel B
OUT A
1
1
Output
Output, channel A
OUT B
7
7
Output
Output, channel B
V–
4
4
Power
Negative (lowest) power supply
V+
8
8
Power
Positive (highest) power supply
Thermal Pad
—
Thermal pad
—
Connect thermal pad to V–
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984G – NOVEMBER 2020 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com