Electronic Components Datasheet Search
  English  ▼

X  

WAS300M12BM2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # WAS300M12BM2
Description  All-SiC Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

WAS300M12BM2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  WAS300M12BM2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 7Page - Inchange Semiconductor Company Limited WAS300M12BM2 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISCFM8001
eq WAS300M12BM2
All-SiC Power Module
www.iscsemi.com
2023-9-4
2
MOSFET Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID = 2mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 15mA
2.0
2.5
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 20V; ID= 300A
--
4.2
5.3
mΩ
VGS= 20V; ID= 300A;TVJ=175°C
--
7.7
--
IGSS
Gate Source Leakage Current
VGS= 20V; VDS= 0V
--
1
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
600
2000
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 600V,
f = 0.2MHz
VAC=25mV
--
8430
--
pF
Coss
Output Capacitance
--
505
--
Crss
Reverse Transfer Capacitance
--
35
--
Qg
Total Gate Charge
VDS = 800V,
ID=300A,
VGS=-5V/ +20V
--
560
--
nC
Qgs
Gate-Source Charge
--
112
--
Qgd
Gate-Drain Charge
--
60
--
td(on)
Turn-on Delay Time
TVJ=25°C,
VGS=-5/+20V, ID= 300A,
VDS= 600V, Rg=2.5Ω,
--
215
--
ns
tr
Turn-on Rise Time
--
109
--
td(off)
Turn-off Delay Time
--
603
--
tf
Turn-off Fall Time
--
60
--
Eon
Turn-On Switching Energy
--
22.4
--
mJ
Eoff
Turn-Off Switching Energy
--
13
--
td(on)
Turn-on Delay Time
TVJ=25°C,
VGS=-5/+20V, ID= 300A,
VDS=600V, Rg=2.5Ω,
--
183
--
ns
tr
Turn-on Rise Time
--
98
--
td(off)
Turn-off Delay Time
--
660
--
tf
Turn-off Fall Time
--
46
--
Eon
Turn-On Switching Energy
--
22.8
--
mJ
Eoff
Turn-Off Switching Energy
--
14.5
--



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com