Electronic Components Datasheet Search
  English  ▼

X  

TMUX722X Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX722X
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX722X Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX722X Datasheet HTML 17Page - Texas Instruments TMUX722X Datasheet HTML 18Page - Texas Instruments TMUX722X Datasheet HTML 19Page - Texas Instruments TMUX722X Datasheet HTML 20Page - Texas Instruments TMUX722X Datasheet HTML 21Page - Texas Instruments TMUX722X Datasheet HTML 22Page - Texas Instruments TMUX722X Datasheet HTML 23Page - Texas Instruments TMUX722X Datasheet HTML 24Page - Texas Instruments TMUX722X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
7.5 tON (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise to 90% after the supply has
risen past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in
the system. Figure 7-5 shows the setup used to measure turn on time, denoted by the symbol tON (VDD).
VDD
Supply
Ramp
0 V
4.5 V
tON
90%
Output
tr = 10 µs
RL
CL
VDD
VSS
VSS
0.1 µF
0.1 µF
S1
GND
D1
Output
0 V
VDD
VS
S2
SELx
3 V
CL
Output
VS
D2
Figure 7-5. tON (VDD) Time Measurement Setup
7.6 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input signal
has risen or fallen past the 50% threshold. Figure 7-6 shows the setup used to measure propagation delay,
denoted by the symbol tPD.
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D1
Output
VS
S2
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tr < 40ps
tf < 40ps
tPD 2
50%
50%
50%
50%
50 Ω
RL
CL
Output
D2
VS
50 Ω
Figure 7-6. Propagation Delay Measurement Setup
www.ti.com
TMUX7221, TMUX7222
SCDS444A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com