Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 14Page - Texas Instruments TMUX7221 Datasheet HTML 15Page - Texas Instruments TMUX7221 Datasheet HTML 16Page - Texas Instruments TMUX7221 Datasheet HTML 17Page - Texas Instruments TMUX7221 Datasheet HTML 18Page - Texas Instruments TMUX7221 Datasheet HTML 19Page - Texas Instruments TMUX7221 Datasheet HTML 20Page - Texas Instruments TMUX7221 Datasheet HTML 21Page - Texas Instruments TMUX7221 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
6.14 Typical Characteristics (continued)
at TA = 25°C
Frequency(Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
1G
100k
VDD = 15 V, VSS = -15 V
Figure 6-25. On Response vs Frequency
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1k
10k
100k
1M
10M
VDD with 100nF decoupling capacitors
VDD with no decoupling
VSS with 100nF decoupling capacitors
VSS with no decoupling
VDD = +15 V, VSS = -15 V
Figure 6-26. ACPSRR vs Frequency
VS or VD - Source or Drain Voltage (V)
-15
-10
-5
0
5
10
15
20
40
60
80
100
120
140
160
CDOFF
CSON
CSOFF
VDD = +15 V, VSS = -15 V
Figure 6-27. Capacitance vs Source Voltage or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
5
10
20
50
80
110
140
170
CDOFF
CDON
CSOFF
VDD = 12 V, VSS = 0 V
Figure 6-28. Capacitance vs Source Voltage or Drain Voltage
TMUX7221, TMUX7222
SCDS444A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com