Electronic Components Datasheet Search
  English  ▼

X  

TMUX8108 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8108
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8108 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX8108 Datasheet HTML 9Page - Texas Instruments TMUX8108 Datasheet HTML 10Page - Texas Instruments TMUX8108 Datasheet HTML 11Page - Texas Instruments TMUX8108 Datasheet HTML 12Page - Texas Instruments TMUX8108 Datasheet HTML 13Page - Texas Instruments TMUX8108 Datasheet HTML 14Page - Texas Instruments TMUX8108 Datasheet HTML 15Page - Texas Instruments TMUX8108 Datasheet HTML 16Page - Texas Instruments TMUX8108 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
7.12 Typical Characteristics
at TA = 25°C, VDD = +36 V, and VSS = –36 V (unless otherwise noted)
VDD = 36 V, VSS = –36 V
Flatest Ron Region
Figure 7-1. On-Resistance vs Source or Drain Voltage
VDD = 36 V, VSS = –36 V
Figure 7-2. On-Resistance vs Source or Drain Voltage
VDD = 36 V, VSS = –36 V
Figure 7-3. On-Resistance vs Source or Drain Voltage
Dual Supply Voltages
Figure 7-4. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 7-5. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 7-6. On-Resistance vs Source or Drain Voltage
www.ti.com
TMUX8108, TMUX8109
SCDS435B – SEPTEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com