Electronic Components Datasheet Search
  English  ▼

X  

TMUX8109 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8109
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8109 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX8109 Datasheet HTML 17Page - Texas Instruments TMUX8109 Datasheet HTML 18Page - Texas Instruments TMUX8109 Datasheet HTML 19Page - Texas Instruments TMUX8109 Datasheet HTML 20Page - Texas Instruments TMUX8109 Datasheet HTML 21Page - Texas Instruments TMUX8109 Datasheet HTML 22Page - Texas Instruments TMUX8109 Datasheet HTML 23Page - Texas Instruments TMUX8109 Datasheet HTML 24Page - Texas Instruments TMUX8109 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
8.7 Charge Injection
Charge injection is a measure of the glitch impulse transferred from the digital input to the analog output during
switching, and is denoted by the symbol QINJ. Figure 8-7 shows the setup used to measure charge injection from
the source to drain.
VOUT
Output
VS
0 V
3 V
VEN
QINJ = CL ×
VOUT
SW
S1
S2
D
SW
S8
GND
GND
SW
GND
Decoder
A0
A1
A2
GND
GND
VS
GND
EN
CL
VEN
Output
tr < 20 ns
tf < 20 ns
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-7. Charge-Injection Measurement Setup
8.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to the
source pin (Sx) of an off-channel. The characteristic impedance for the measurement (ZO) is 50 Ω. Figure 8-8
shows the setup used to measure off isolation.
Ax, EN
GND
VAX
VEN
SX
D/ DX
Other
Sx/ Dx
Pins
VS
VOUT
RS
SW
N.C.
SW
N.C.
50Ÿ
Network Analyzer
SW
1BB +OKH=PEKJ = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-8. Off Isolation Measurement Setup
www.ti.com
TMUX8108, TMUX8109
SCDS435B – SEPTEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com