Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS38
Description  TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS38 Datasheet(HTML) 2 Page - Texas Instruments

  TPS38 Datasheet HTML 1Page - Texas Instruments TPS38 Datasheet HTML 2Page - Texas Instruments TPS38 Datasheet HTML 3Page - Texas Instruments TPS38 Datasheet HTML 4Page - Texas Instruments TPS38 Datasheet HTML 5Page - Texas Instruments TPS38 Datasheet HTML 6Page - Texas Instruments TPS38 Datasheet HTML 7Page - Texas Instruments TPS38 Datasheet HTML 8Page - Texas Instruments TPS38 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings .............................................................. 6
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information ...................................................6
7.5 Electrical Characteristics.............................................7
7.6 Timing Requirements..................................................9
7.7 Timing Diagrams ......................................................10
7.8 Typical Characteristics.............................................. 13
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 16
8.3 Feature Description...................................................17
8.4 Device Functional Modes..........................................26
9 Application and Implementation.................................. 27
9.1 Adjustable Voltage Thresholds................................. 27
9.2 Application Information............................................. 28
9.3 Typical Application.................................................... 28
9.4 Power Supply Recommendations.............................30
9.5 Layout....................................................................... 31
10 Device and Documentation Support..........................34
10.1 Device Nomenclature..............................................34
10.2 Receiving Notification of Documentation Updates..35
10.3 Support Resources................................................. 35
10.4 Trademarks.............................................................35
10.5 Electrostatic Discharge Caution..............................35
10.6 Glossary..................................................................35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (July 2023) to Revision E (August 2023)
Page
• Added Hystersis accuracy diagram.................................................................................................................. 10
• Updated the typical characteristic curves......................................................................................................... 13
Changes from Revision C (December 2021) to Revision D (July 2023)
Page
• Deleted Product Preview for the DYY package throught data sheet..................................................................1
Changes from Revision B (September 2021) to Revision C (December 2021)
Page
• Advance Information to Production Data release............................................................................................... 1
TPS38-Q1
SNVSBI8E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS38-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com