Electronic Components Datasheet Search
  English  ▼

X  

BYV26F Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BYV26F
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV26F Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BYV26F Datasheet HTML 4Page - NXP Semiconductors BYV26F Datasheet HTML 5Page - NXP Semiconductors BYV26F Datasheet HTML 6Page - NXP Semiconductors BYV26F Datasheet HTML 7Page - NXP Semiconductors BYV26F Datasheet HTML 8Page - NXP Semiconductors BYV26F Datasheet HTML 9Page - NXP Semiconductors BYV26F Datasheet HTML 10Page - NXP Semiconductors BYV26F Datasheet HTML 11Page - NXP Semiconductors BYV26F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1996 May 30
9
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series
BYV26A to E
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.14 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
4
8
8
(A)
IF
6
2
0
4
MSA853
6
VF (V)
BYV26F and G
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.15 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
6
8
(A)
IF
6
2
0
4
MBD427
4
VF (V)
Fig.16 Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
MGC550
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)
VR =VRRMmax.
BYV26A to E
f = 1 MHz; Tj =25 °C.
Fig.17 Diode capacitance as a function of reverse
voltage, typical values.
handbook, halfpage
1
MSA858
10
102
10
3
1
10 2
10
V
(V)
R
Cd
(pF)
BYV26A,B,C
BYV26D,E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com