Electronic Components Datasheet Search
  English  ▼

X  

TPS923652DYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS923652DYYR
Description  TPS92365x 65-V 2-A / 4-A Boost / Buck-Boost LED Driver with Inductive Fast Dimming
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS923652DYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS923652DYYR Datasheet HTML 17Page - Texas Instruments TPS923652DYYR Datasheet HTML 18Page - Texas Instruments TPS923652DYYR Datasheet HTML 19Page - Texas Instruments TPS923652DYYR Datasheet HTML 20Page - Texas Instruments TPS923652DYYR Datasheet HTML 21Page - Texas Instruments TPS923652DYYR Datasheet HTML 22Page - Texas Instruments TPS923652DYYR Datasheet HTML 23Page - Texas Instruments TPS923652DYYR Datasheet HTML 24Page - Texas Instruments TPS923652DYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
9 Application and Implementation
9.1 Application Information
The TPS92365x family is typically used as a Boost / Buck-Boost converter to drive one or more LEDs from an
input from 4.5-V to 63-V range.
9.2 Typical Application
9.2.1 TPS923654 Boost, 12-V Input, 1-A Output, 12-piece WLED Driver With Analog Dimming
CSENSE
Thermal Pad
SW
CSP
CSN
OVP
FSET
TEMP
COMP
PGND
AGND
VIN
VCC
EN/PWM
FAULT
ADIM/HD
TPS923654DMTR
RTEMP
RFSET
RCOMP
RDAMP
CCOMP
ROVP2
100nF
D
RSENSE
L
ROVP1
COUT
CVCC
CVIN
0Ω
CIN
VIN = 12V
X12 LED
High
Figure 9-1. Boost, 12-V Input, 1-A Output, 12-piece WLED, Analog Dimming Reference Design
9.2.1.1 Design Requirements
For this design example, use the parameters in the following table.
Table 9-1. Design Parameters
PARAMETER
VALUE
Input voltage range
12 V ±10%
LED forward voltage
3.0 V
Output voltage
36 V (3.0 × 12)
Maximum LED current
1 A
Inductor current ripple
60% of maximum inductor current
LED current ripple
200 mA or less
Input voltage ripple
500 mV or less
Dimming type
Analog dimming with TPS923654: 1-kHz, 1% to 100% PWM input at
the ADIM pin
www.ti.com
TPS923652, TPS923653, TPS923654, TPS923655
SLVSGH1A – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS923652 TPS923653 TPS923654 TPS923655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com