Electronic Components Datasheet Search
  English  ▼

X  

BCM5461 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5461
Description  SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5461 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5461 Datasheet HTML 1Page - Broadcom Corporation. BCM5461 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5324M
®
SINGLE-CHIP L2+ MANAGED SWITCH WITH 24 10/100 PORTS + 2 GbE PORTS
• Seventh-generation ROBO L2+ 24FE + 2GE switch with two
GMII/RGMII/TBI interfaces
• Twenty-four fully integrated 10/100 PHYs with support of
Advanced Cable Diagnostics in the Broadcom PHY technology
• QoS packet classification supports four priority queues
• Port-based VLAN and 802.1Q VLAN with 4k entries
• Supports traffic aggregation via double tagging
• Spanning Tree (IEEE 802.1D/1s/1w)
• MAC-based trunking with automatic link failover
• Port mirroring
• IGMP snooping Layer2/3
• Over 70 MIB counters for per port management statistics
• Up to 24 Static Secure MAC addresses per port
• Programmable Broadcast, Multicast, and Unknown Unicast
storm control
• Per port bandwidth/rate control
• 8K MAC addresses with automatic learning and aging
• Protected port
• Multicast address table for 256 entries
• 25
th FE port via MII or reversed MII mode for management
• MDC/MDIO and SPI interfaces
• Internal oscillator simplifies design and reduces cost
• JTAG
• Embedded 2.5V and 1.2V regulator, typical power
consumption: 3.5W
• 400-pin PBGA package
• The BCM5324M includes:
- 24 10/100 transceivers for TX/FX
- 24 media access controllers
- Two Gigabit media access controllers
- 3 Mb total of packet buffer and control memory
- Non-blocking switch fabric supports up to 24 FE+2 GE
ports
• Advanced Cable Diagnostics minimize the need for expensive
cable troubleshooting equipment.
• Enables a new generation of lower cost FE switches with the
highest integration of enhanced L2+ features and maximum
connectivity.
• Optimized for WebSmart™ managed switch design.
• 802.1Q VLAN allows segmentation of network into smaller
broadcast domains to preserve bandwidth and increase
network security.
• Four flexible Class of Service (CoS) queues per port assures
the lowest latency to high-priority traffic. This enables the
switch to support a wide variety of delay sensitive video and
audio multicast applications.
• IEEE 802.3ad link aggregation increases effective bandwidth
and provides redundancy of a link.
• IEEE 802.1X Extensive Authentication Protocol over LAN
(EAPOL) plus MAC address locking enhances network port
security.
• Storm and bandwidth/rate control provide better traffic
profile management.
• Access to all internal registers through SPI or MDC/MDIO
interfaces.
• Hardware support for implementing SNMP and RMON.
• Low-power consumption and small package allow simple PCB
design.
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM5461

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
427Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5461 BOARDCOM-BCM5461 Datasheet
639Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
BCM5461 BOARDCOM-BCM5461 Datasheet
213Kb / 2P
10/100BASE-TX OCTAL-過 TRANSCEIVER
More results

Similar Description - BCM5461

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5324M BOARDCOM-BCM5324M Datasheet
118Kb / 1P
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
BCM5348M BOARDCOM-BCM5348M Datasheet
252Kb / 2P
SINGLE-CHIP L2 MANAGED SWITCH WITH 48 10/100 PORTS FOUR GbE PORTS
BCM56304 BOARDCOM-BCM56304 Datasheet
222Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/HiGig PORTS
BCM56503 BOARDCOM-BCM56503 Datasheet
177Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH THREE 10-GbE/HiGig PORTS
BCM56504 BOARDCOM-BCM56504 Datasheet
203Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGigPORTS
BCM56513 BOARDCOM-BCM56513 Datasheet
231Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH THREE 10 GbE/HiGig PORTS
BCM56514 BOARDCOM-BCM56514 Datasheet
217Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGig PORTS
BCM5321MKPB BOARDCOM-BCM5321MKPB Datasheet
133Kb / 2P
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
BCM5324MKPBG BOARDCOM-BCM5324MKPBG Datasheet
133Kb / 2P
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
BCM56502B2IEBG BOARDCOM-BCM56502B2IEBG Datasheet
197Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH TWO 10 GbE/HiGig??PORTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com