Electronic Components Datasheet Search
  English  ▼

X  

NCA005 Datasheet(PDF) 10 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 10 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 6Page - C&D Technologies NCA005 Datasheet HTML 7Page - C&D Technologies NCA005 Datasheet HTML 8Page - C&D Technologies NCA005 Datasheet HTML 9Page - C&D Technologies NCA005 Datasheet HTML 10Page - C&D Technologies NCA005 Datasheet HTML 11Page - C&D Technologies NCA005 Datasheet HTML 12Page - C&D Technologies NCA005 Datasheet HTML 13Page - C&D Technologies NCA005 Datasheet HTML 14Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 10
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
NCA0051331S0 Vo=3.3V Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig. 14. SMT Power Derating vs Output Current for 5.0Vin 3.3V Out.
NCA0051331B0 Vo=3.3V Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig 15. SIP Power Derating vs Output Current for 5.0Vin 3.3V Out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com