Electronic Components Datasheet Search
  English  ▼

X  

BCM5382M Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5382M
Description  8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5382M Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5382M Datasheet HTML 1Page - Broadcom Corporation. BCM5382M Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5382M-PB02-R
07/08/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The Broadcom BCM5382M device is a highly integrated solution. It
combines all the functions of a high-speed switch system, including
packet buffer, PHY transceivers, media access controllers, address
management, and a nonblocking switch fabric into a single 0.13-µm
CMOS device. It complies with IEEE 802.3, 802.3u, 802.3ab 802.3x
specifications, including the MAC control, pause frame, and auto-
negotiation subsections, providing compatibility with all industry-
standard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.
This device contains eight full-duplex 10BASE-T/100BASE-TX Fast
Ethernet transceivers and one 10/100/1000BASE-T transceiver, each of
which performs all of the physical layer interface functions for
10BASE-T Ethernet on Category 3, 4, or 5 unshielded twisted-pair
(UTP) cable and 100BASE-TX Fast Ethernet on Category 5 UTP cable.
SPI or EEPROM interfaces provide easy programming of the 802.1p
QoS. This allows switch traffic to be given different classes of priority or
service—for example, voice traffic for IP phone applications, video
traffic for multimedia applications, or data traffic for e-mail applications.
Up to 4,000 VLANs can be set up via the SPI port.
Even though this device is primarily targeted for the cost-sensitive
unmanaged market, very low-cost management can also be provided
using the proprietary MIB Autocast function. MIB Autocast
encapsulates the on-chip MIB statistics and sends them out automatically
on a predefined port (or ports) at programmed intervals. This feature is
part of the 8051 micro smart switch option for basic smart management
via a console port.
As part of the Smart Switch mode, the BCM5382M periodically
transmits Ethernet frames on a designated port. The frames can be
intercepted by an external management probe or a dedicated network
management application, resident on any node within the network. In
addition, the ROBOSmartSwitch™ software provides system and port
configuration, VLAN and QoS setup, and IGMP snooping.
The BCM5382M designed to work in Unmanaged Standalone or
Managed mode via the on-chip MII interface to an ARM7 CPU. This
provides support for the Ethernet-like MIB, bridge MIB, layer 2
management functions, private MIB, MIB II, and 4 groups of RMON.
ROBO-managed Linux® software also supports RTOS, BSP and loader,
SNMP agent, console, WEB UI, spanning tree, Tenet UI, port mirroring,
trunking and easy programming of VLAN groups, QoS priorities, and
IGMP snooping.
10/100 PHY
10/100 PHY
10/100 PHY
10/100 PHY
10/100 PHY
10/100 PHY
10/100 PHY
10/100 PHY
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
Auto-MDI/MDIX
MAC
MIB Registers & ARL
MAC
MAC
MAC
MAC
MAC
MAC
MAC
GMAC
GMII/SerDes Interface
LEDs
256 KB
Packet buffer
LED Interface
CPU Interface
Switch controller
802.1Q VLAN
tag (4K)
SPI/CPU
Interface
802.1p QoS
2 Level Priority
MII Interface
MAC
10/100/1000
PHY
Auto-MDI/MDIX
GMAC
4K address table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com