Electronic Components Datasheet Search
  English  ▼

X  

BCM5396 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5396
Description  16-GE PORT SWITCH WITH INTEGRATED SerDes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5396 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5396 Datasheet HTML 1Page - Broadcom Corporation. BCM5396 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5396
®
16-GE PORT SWITCH WITH INTEGRATED SerDes
16-Gigabit Ethernet Ports for SOHO and Subnetwork Applications
• Eighth-generation switch on a chip
• Integrates
• One GMII/RGMII/RvMII interface
• Seventeen MACs (802.x compliant) with support for 9-KB
jumbo frames
• Sixteen SGMII/SerDes interfaces and 256-KB packet buffer
memory
• Non-blocking 17-Gigabit Ethernet fully integrated switch fabric
• SPI Interface for easy setup and managed operation
• Classifies packets using four 802.1p QoS or DiffServ priority
queues
• VLAN 4k 802.1Q or port-based support
• Supports up to 4k unicast MAC addresses
• Supports MAC-based port aggregation (trunking)
• Flow control
• Full-duplex (802.3x) and half-duplex options support
• Supports automatic address learning and aging
• Support for Spanning Tree and Rapid Spanning Tree
• Low power 0.13 µm 1.2 V CMOS core: <2.5W Pd.
• Supports 802.1x MAC Security
• Port-based rate control feature with 64kbps granularity
• 256-pin FBGA package (small form factor 17 mm x 17 mm)
• Enables a new generation of lower-cost switches with Gigabit
Ethernet connectivity and much smaller form factors.
• Uses field-proven industry-standard Gigabit Ethernet SerDes
which lowers overall system interoperability and reliability
risks.
• Provides the most cost-effective Gigabit Ethernet connectivity
to the desktop and control plane for all remote, branch, and
Enterprise needs.
• 802.1Q tag VLAN, trunking, and 802.1p priority enables the
switch to be designed into a wide variety of applications from
unmanaged to websmart to managed switch.
• Jumbo frame support allows the device to be connected to
corporate server farms and networks while maintaining
maximum TCP/IP performance.
• CPUs are not required to initialize and run in cost-sensitive
unmanaged applications, providing true plug-and-play
connectivity.
• Suitable for fully managed applications due to support for
Spanning Tree and 802.1x MAC security
• SGMII interfaces ensure superior EMI performance and
lowest possible number of required board layers while
enabling connections to industry-standard physical layer
devices (e.g., BCM5464R)
• Lowest possible system cost through minimized number of
external components.
• Higher system reliability and noise reduction due to
elimination of component with lowest MTBF (the fan).
FE A T UR E S
SU MM AR Y O F B E N E FI TS
Cable/DSL/Wireless
Router
Server
Printer
Uplink Copper
or Fiber
IP Phones


Similar Part No. - BCM5396

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
More results

Similar Description - BCM5396

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5387 BOARDCOM-BCM5387 Datasheet
286Kb / 2P
5-GbE PORT SWITCH WITH INTEGRATED SerDes
BCM5389 BOARDCOM-BCM5389 Datasheet
313Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5384 BOARDCOM-BCM5384_04 Datasheet
221Kb / 2P
4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5388 BOARDCOM-BCM5388_04 Datasheet
250Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5388KPB BOARDCOM-BCM5388KPB Datasheet
251Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5387KFBG BOARDCOM-BCM5387KFBG Datasheet
274Kb / 2P
5-GbE PORT SWITCH WITH INTEGRATED SerDes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com