Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021A-JC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB021A-JC
Description  2-megabit 2.7-volt Only Serial DataFlash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A-JC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB021A-JC Datasheet HTML 2Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 3Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 4Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 5Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 6Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 7Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 8Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 9Page - ATMEL Corporation AT45DB021A-JC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AT45DB021A
6
MAIN MEMORY PAGE PROGRAM THROUGH BUFFER:
This operation is a combination of the Buffer Write and
Buffer to Main Memory Page Program with Built-in Erase
operations. Data is first shifted into buffer 1 or buffer 2 from
the SI pin and then programmed into a specified page in
the main memory. To initiate the operation, an 8-bit opcode
(82H for buffer 1 or 85H for buffer 2) must be followed by
the five reserved bits and 20 address bits. The 10 most-
significant address bits (PA9 -PA0) select the page in the
main memory where data is to be written, and the next nine
address bits (BFA8-BFA0) select the first byte in the buffer
to be written. After all address bits are shifted in, the part
will take data from the SI pin and store it in one of the data
buffers. If the end of the buffer is reached, the device will
wrap around back to the beginning of the buffer. When
there is a low-to-high transition on the CS pin, the part will
first erase the selected page in main memory to all 1s and
then program the data stored in the buffer into the specified
page in the main memory. Both the erase and the program-
ming of the page are internally self-timed and should take
place in a maximum of time tEP. During this time, the status
register will indicate that the part is busy.
Additional Commands
MAIN MEMORY PAGE TO BUFFER TRANSFER: A page
of data can be transferred from the main memory to either
buffer 1 or buffer 2. To start the operation, an 8-bit opcode,
53H for buffer 1 and 55H for buffer 2, must be followed by
the five reserved bits, 10 address bits (PA9-PA0) which
specify the page in main memory that is to be transferred,
and nine don’t care bits. The CS pin must be low while tog-
gling the SCK pin to load the opcode, the address bits, and
the don’t care bits from the SI pin. The transfer of the page
of data from the main memory to the buffer will begin when
the CS pin transitions from a low to a high state. During the
transfer of a page of data (tXFR), the status register can be
read to determine whether the transfer has been completed
or not.
MAIN MEMORY PAGE TO BUFFER COMPARE: A page
of data in main memory can be compared to the data in
buffer 1 or buffer 2. To initiate the operation, an 8-bit
opcode (60H for buffer 1 and 61H for buffer 2) must be fol-
lowed by 24 address bits consisting of the five reserved
bits, 10 address bits (PA9 -PA0) which specify the page in
the main memory that is to be compared to the buffer, and
nine don’t care bits. The CS pin must be low while toggling
the SCK pin to load the opcode, the address bits and the
don’t care bits from the SI pin. On the low-to-high transition
of the CS pin, the 264 bytes in the selected main memory
page will be compared with the 264 bytes in buffer 1 or
buffer 2. During this time (tXFR), the status register will indi-
cate that the part is busy. On completion of the compare
operation, bit 6 of the status register is updated with the
result of the compare.
AUTO PAGE REWRITE: This mode is needed only if multi-
ple bytes within a page or multiple pages of data are
modified in a random fashion. This mode is a combination
of two operations: Main Memory Page to Buffer Transfer
and Buffer to Main Memory Page Program with Built-in
Erase. A page of data is first transferred from the main
memory to buffer 1 or buffer 2, and then the same data
(from buffer 1 or buffer 2) is programmed back into its
original page of main memory. To start the rewrite opera-
tion, an 8-bit opcode (58H for buffer 1 or 59H for buffer 2)
must be followed by the five reserved bits, 10 address bits
(PA9 - PA0) that specify the page in main memory to be
rewritten, and nine additional don’t care bits. When a low-
to-high transition occurs on the CS pin, the part will first
transfer data from the page in main memory to a buffer and
then program the data from the buffer back into same page
Block Erase Addressing
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
0000000
X
X
X
0
0000001
X
X
X
1
0000010
X
X
X
2
0000011
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1111100
X
X
X
124
1111101
X
X
X
125
1111110
X
X
X
126
1111111
X
X
X
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com