Electronic Components Datasheet Search
  English  ▼

X  

BCM5464 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5464
Description  MULTILAYER 12-PORT GIGABIT ETHERNET STACKABLE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5464 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5464 Datasheet HTML 1Page - Broadcom Corporation. BCM5464 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5695-PB01-R
07/16/04
Broadcom®, the pulse logo, Connecting everything®, HiGig™, HiGig+™, and StrataXGS™ are
trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other
countries. All other trademarks mentioned are the property of their respective owners.
General Description
The BCM5695 is an integral component of the highly modular, scalable switch
architecture. Each port supports 10/100/1000-Mbps Ethernet with copper or fibre
physical interfaces. The BCM5695 has a fully integrated SerDes with a XAUI
interface on the HiGig™ port and an SGMII interface on the GbE ports. The
flexibility and modularity of the BCM5695 switch architecture makes it suitable
for a wide range of applications including stackable, fixed, chassis, blade server,
and metro Ethernet switching.
Scalability
Switches based on the BCM5695 offer world-class scalability, and performance,
when used along with other StrataXGS™ family components. A BCM5695-based
switch fabric can scale up to as many as 1,536-GbE ports or 128 10-GbE ports in
the same configuration. A multistage switch fabric using the StrataXGS family
can have a bandwidth capacity of up to 1.5 Tbits. The 12-Gbps HiGig+™ stacking
port supports explicit priority, port trunking, and mirroring functions across the
switching elements.
Advanced QoS
The highly flexible ContentAware packet filtering and classification engine in the
BCM5695 switch family provides a common application platform across the
entire StrataXGS product line. It supports ToS/DiffServ, rate limiting, policing,
shaping, marking, and remarking. These features enable cutting-edge voice and
video applications based on the Internet Protocol.
Multi-Service Intelligence
Superior scalability, high availability, and performance enable network designers
to meet the growing needs of mission-critical enterprise applications. Support of
multi-service intelligence in the form of integrated security (IEEE 802.1x),
wirespeed access control lists, policy-based rate limiting, IP Multicast replication,
IPv6 awareness, and advanced Layer 3 functionality ensures robust network
design.
New metro Ethernet features extend the security boundary beyond the enterprise
networks into service provider networks with support for double VLAN tagging
(IEEE 802.1Q) and VLAN translation.
Superior Performance
The BCM5695 delivers wirespeed switching performance across all ports
simultaneously. The effective bandwidth of each HiGig+ interface is 24 Gbps (12
Gbps, full-duplex). The BCM5695 also introduces very low switching latency,
enabling very high-quality transmission of voice, video, and data traffic. The
BCM5695 supports advanced packet flow control such as head-of-line blocking
prevention and IEEE 802.3x-compatible full-duplex control.
Additional Information
Production-ready reference design kits such as the BCM95695K24U and
BCM95695R24S enable faster time-to-market for system vendors and come with
extensive support documentation and software. Please contact your local sales
representative for more information.
BCM5695
BCM5673
CPU
FLASH
SDRAM
BCM5695
BCM5695
BCM5695
BCM5464
BCM5464
BCM5464
BCM5464
BCM5675
2 x 10 GbE
12 x GbE
12 x GbE
12 x GbE
12 x GbE
2 x HiGig+
PCI
BCM8703
Functional Design of BCM5695-Based 48-Port GbE Switch With 2 x 10 GbE Ports and Stacking



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com