Electronic Components Datasheet Search
  English  ▼

X  

BCM5698 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5698
Description  12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5698 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5698 Datasheet HTML 1Page - Broadcom Corporation. BCM5698 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5698
®
12-PORT GIGABIT ETHERNET LAYER 2+ SWITCH
12-Port Gigabit Ethernet Layer 2+ Switch
• 12 10/100/1000-Mbps Ethernet ports with copper or fibre
connectivity
• All address tables and buffer memory fully integrated on-chip
• Support for jumbo frames of up to 9 KB in size
• Advanced full-duplex end-to-end flow and congestion control
with head-of-line blocking prevention
• ContentAware™ packet filtering and classification per-port
• Wirespeed operation
• Support for 802.1p, TOS/DiffServ, policing, shaping, marking,
and remarking
• Rate control of broadcast, unknown multicast and unicast
packets
• Eight queues per port
• Support for double 802.1q VLAN tagging and VLAN
translation
• Advanced diagnostic features including JTAG boundary scan
and BIST functionality
• Low power consumption of 4.65W in a 480-pin PBGA package
• Pin-to-pin compatible with the BCM5693
• Enables modular, high-performance GbE switch designs
• Facilitates seamless integration of voice, video, and data traffic
through low-latency and advanced QoS
• Enables lower system design cost and board space utilization
through superior integration and compact form factor
• Offers quicker time-to-market and software reuse through
backward compatibility with Broadcom switch software API
FE A T UR E S
SU MM AR Y O F B E N E FI TS
TA RGET A P PL ICA T IO NS
• High-performance standalone GbE switch solutions for
distribution and wiring closet of enterprise networks and
remote branches
• Embedded GbE switch solutions for blade server applications
within space-constrained data centers
• Highly reliable GbE switch solutions for telecom applications
in central offices
ARL
L2
Packet Buffer MMU
ContentAware™ FFP
PCI
12 x GbE
Layer 2
On-Chip Tables
Internal Memory for
Nonblocking Performance
10/100/1000 MAC
PCI 32/66 Interface
I2C Interface
1-Gbps SerDes with
SGMII Support


Similar Part No. - BCM5698

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5690 BOARDCOM-BCM5690 Datasheet
124Kb / 1P
SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5690 BOARDCOM-BCM5690 Datasheet
171Kb / 28P
A Scalable Approach to Gigabit Ethernet Switch Design
BCM5690 BOARDCOM-BCM5690_03 Datasheet
115Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5691 BOARDCOM-BCM5691 Datasheet
146Kb / 1P
SCALABLE12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5691 BOARDCOM-BCM5691 Datasheet
171Kb / 28P
A Scalable Approach to Gigabit Ethernet Switch Design
More results

Similar Description - BCM5698

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5692 BOARDCOM-BCM5692 Datasheet
115Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
BCM5693 BOARDCOM-BCM5693 Datasheet
112Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
BCM5692A2KEB BOARDCOM-BCM5692A2KEB Datasheet
116Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7421-04 VITESSE-VSC7421-04 Datasheet
299Kb / 2P
17-Port Layer 2 Gigabit Ethernet Switch
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
25-Port Layer 2 Gigabit Ethernet Switch
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
10-Port Layer 2 Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
logo
Weidmuller
2778970000 WEIDMULLER-2778970000 Datasheet
155Kb / 4P
Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
2778980000 WEIDMULLER-2778980000 Datasheet
156Kb / 4P
Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com