Electronic Components Datasheet Search
  English  ▼

X  

BYV36A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYV36A
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36A Datasheet(HTML) 5 Page - NXP Semiconductors

  BYV36A Datasheet HTML 1Page - NXP Semiconductors BYV36A Datasheet HTML 2Page - NXP Semiconductors BYV36A Datasheet HTML 3Page - NXP Semiconductors BYV36A Datasheet HTML 4Page - NXP Semiconductors BYV36A Datasheet HTML 5Page - NXP Semiconductors BYV36A Datasheet HTML 6Page - NXP Semiconductors BYV36A Datasheet HTML 7Page - NXP Semiconductors BYV36A Datasheet HTML 8Page - NXP Semiconductors BYV36A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1996 Jul 01
5
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
GRAPHICAL DATA
BYV36A to C
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
0
200
1.6
0
MSA867
0.4
100
T tp ( C)
o
I F(AV)
(A)
0.8
1.2
20 15
10
lead length (mm)
BYV36D and E
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.3
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
0
200
1.6
0
MSA866
0.4
100
T tp ( C)
o
I F(AV)
(A)
0.8
1.2
20 15
10
lead length (mm)
BYV36F and G
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.4
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
1.6
MBD419
100
I F(AV)
(A)
T
( C)
o
tp
0.8
1.2
lead length 10 mm
BYV36A to C
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.25.
Switched mode application.
Fig.5
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
1.2
0
MSA865
0.4
100
T
( C)
o
I F(AV)
(A)
amb
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com