Electronic Components Datasheet Search
  English  ▼

X  

BCM5702 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5702
Description  10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5702 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5702 Datasheet HTML 1Page - Broadcom Corporation. BCM5702 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5702
®
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
• Single-chip solution for LAN on Motherboard (LOM) and
network interface card (NIC) applications
• Integrated 10BASE-T/100BASE-TX/1000BASE-T
transceivers
• 10/100/1000 Mbps triple-speed media access controller (MAC)
• Host interfaces
- PCI v2.2, 32/64-bit, 33 MHz
• Ultra-deep, 96 KB, on-chip packet buffer
• Dual, high-speed RISC cores with 16 KB caches
• SMBus controller
• On-chip power circuit controller and Wake on LAN power
switching circuit
• Performance features
• TCP, IP, UDP checksum
• TCP segmentation
• CPU task offload
• Adaptive interrupts
• Ultra-deep, 96-KB packet buffer
• Robust manageability
• PXE 2.0 remote boot
• Alert Standard Format (ASF 1.0 support)
• Wake on LAN
• Out-of-box Wake on LAN
• Statistics gathering (SNMP MIB II, Ethernet-like MIB,
Ethernet MIB)
• Comprehensive diagnostic and configuration software suite
• ACPI 1.1a compliant (multiple power modes)
• Advanced network features
• Priority queuing (802.1p layer 2 priority encoding; support for
four priority queues)
• Virtual LANs (802.1q VLAN tagging; support for up to 64
VLANs)
• Jumbo frames (9 KB)
• 802.3x flow control
• Advanced server features
• Link aggregation (802.3ad, GEC/FEC, Smart Load
Balancing™ (supports heterogeneous teams))
• Heterogeneous, mixed-speed failover
• Hot-Plug PCI support
• Low power, 0.13-µm CMOS design
• 196-pin BGA package
• 3.3V I/Os (5V tolerant)
• JTAG
• Industry’s smallest 10/100/1000 MAC/PHY solution (power
and space optimized for LOM and low profile NIC
applications)
• Completely backward compatible:
• To existing 10/100 network infrastructure
• To existing PCI-based desktop and server platforms
• Futureproof
• On-chip programmable CPUs, ASF support
• Performance focused (optimized for throughput and CPU
utilization)
• Adaptive interrupts
• Ultra-deep, 96-KB packet buffer lowers CPU utilization and
averts PCI congestion
• CPU task offloads reduces utilization level of CPU
• Robust and highly manageable
• PXE 2.0, ACPI 1.1, Wake on LAN, ASF 1.0, IPMI
• Integrated cable testing (link quality, length, pair skew, pair
polarity, pair swap)
• Advanced features
• VLAN, priority queuing, jumbo frames
• RISC processors for advanced packet classification
• Server-class reliability, availability and performance features
• Link aggregation and load balancing
- Switch dependent
• 802.3ad (LACP), generic trunking (GEC/FEC)
- Switch and NIC independent
• Smart Load Balancing™ (unique technology that supports
heterogeneous teams, and can operate with any switch)
• Failover
- Smart Load Balancing allows heterogeneous failover
• Hot-Plug PCI support
• Low power for zero airflow implementations
• 0.13-µm CMOS design
• Advanced power management
• Space savings for LOM
• 196-pin HBGA package
• No external memory
• Integrated power circuitry
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM5702

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5702 BOARDCOM-BCM5702 Datasheet
123Kb / 1P
10/100/1000BASE-T CONTROLLER
More results

Similar Description - BCM5702

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5701 BOARDCOM-BCM5701 Datasheet
125Kb / 1P
10/100/1000BASE - T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5701 BOARDCOM-BCM5701_05 Datasheet
353Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5703 BOARDCOM-BCM5703_05 Datasheet
135Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5703S BOARDCOM-BCM5703S_05 Datasheet
129Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5705M BOARDCOM-BCM5705M_05 Datasheet
123Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5705 BOARDCOM-BCM5705_04 Datasheet
123Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5787MKMLG BOARDCOM-BCM5787MKMLG Datasheet
127Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5721KFB BOARDCOM-BCM5721KFB Datasheet
100Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5703CKFB BOARDCOM-BCM5703CKFB Datasheet
137Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5755 BOARDCOM-BCM5755 Datasheet
92Kb / 2P
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com