Electronic Components Datasheet Search
  English  ▼

X  

C1005 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C1005
Description  CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1005 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 3Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 4Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 5Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 6Page - List of Unclassifed Manufacturers C1005 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ceramic Capacitors
C TYPE [BASEMETAL ELECTRODE, 16, 25, 50Vdc], CLASS II
CAPACITANCE RANGE
16 Vdc
50Vdc
HC TYPE [LARGECAPACITANCE, 16, 25,50, 75Vdc], CLASS II HIGH DIELECTRIC CONSTANT
CAPACITANCE RANGE
(Operating temperature range:- 25 to +85oC [-13 to +185oF])
50Vdcc
l6Vdc
25Vdc
75Vdc
3-3
DOC. NO. 22CB-000111
PART NO. 2203-000013
25Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com