Electronic Components Datasheet Search
  English  ▼

X  

C1608 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # C1608
Description  CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1608 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  C1608 Datasheet HTML 1Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 2Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 3Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ceramic Capacitors
C TYPE [HIGH VOLTAGE]
CLASS I [3kVdc] AND CLASS II [500Vdc,1k, 2kVdc]
Class I
CAPACITANCE TEMPERATURE CHARACTERISTICS
CAPACITANCE RANGE
Class I
3kVdc
Class II
500Vdc
2kVdc
lkVdc
3-4
DOC. NO. 22CB-000111
PART NO. 2203-000013



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com