Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS520J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS520J
Description  8-BIT IDENTITY COMPARATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS520J Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS520J Datasheet HTML 1Page - Texas Instruments SN54ALS520J Datasheet HTML 2Page - Texas Instruments SN54ALS520J Datasheet HTML 3Page - Texas Instruments SN54ALS520J Datasheet HTML 4Page - Texas Instruments SN54ALS520J Datasheet HTML 5Page - Texas Instruments SN54ALS520J Datasheet HTML 6Page - Texas Instruments SN54ALS520J Datasheet HTML 7Page - Texas Instruments SN54ALS520J Datasheet HTML 8Page - Texas Instruments SN54ALS520J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS520, SN74ALS518, SN74ALS520, SN74ALS521
8-BIT IDENTITY COMPARATORS
SDAS224B – JUNE 1982 – REVISED NOVEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Compare Two 8-Bit Words
• Choice of Totem-Pole or Open-Collector
Outputs
• SN74ALS518 and ′ALS520 Have 20-kΩ
Pullup Resistors on Q Inputs
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
TYPE
INPUT
PULLUP
OUTPUT FUNCTION
AND
TYPE
PULLUP
RESISTOR
AND
CONFIGURATION
SN74ALS518
Yes
P = Q open collector
′ALS520
Yes
P = Q totem pole
SN74ALS521‡
No
P = Q totem pole
‡ SN74ALS521 is identical to
′ALS688.
description
These identity comparators perform comparisons
on
two
8-bit
binary
or
BCD
words.
The
SN74ALS518 provides P = Q outputs, while the
′ALS520 and SN74ALS521 provide P = Q
outputs. The SN74ALS518 has an open-collector
output. The SN74ALS518 and
′ALS520 feature
20-k
Ω pullup resistors on the Q inputs for analog
or switch data.
The SN54ALS520 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS518, SN74ALS520, and
SN74ALS521 are characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
DATA
P, Q
ENABLE
G
P = Q
P = Q
P = Q
L
H
L
P > Q
LL
H
P < Q
LL
H
X
H
L
H
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
G
P0
Q0
P1
Q1
P2
Q2
P3
Q3
GND
VCC
P = Q / P = Q†
Q7
P7
Q6
P6
Q5
P5
Q4
P4
SN54ALS520 ...J PACKAGE
SN74ALS518, SN74ALS520,
SN74ALS521 ... DW OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Q7
P7
Q6
P6
Q5
P1
Q1
P2
Q2
P3
SN54ALS520 . . . FK PACKAGE
(TOP VIEW)
† P = Q for SN74ALS518
P = Q for
′ALS520 and SN74ALS521
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS520J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS520J TI-SN54ALS520J Datasheet
467Kb / 16P
8-BIT IDENTITY COMPARATORS
SN54ALS520J TI-SN54ALS520J Datasheet
256Kb / 6P
8-BIT IDENTITY COMPARATORS
SN54ALS520J TI1-SN54ALS520J Datasheet
1Mb / 21P
8-BIT IDENTITY COMPARATORS
More results

Similar Description - SN54ALS520J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
8-BIT IDENTITY COMPARATORS
74ACT11520 TI1-74ACT11520 Datasheet
105Kb / 7P
8-BIT IDENTITY COMPARATORS
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com