Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64_0610 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA64_0610
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64_0610 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA64_0610 Datasheet HTML 35Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 36Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 37Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 38Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 39Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 40Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 41Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 42Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 393 page
background image
39
ATmega64(L)
2490L–AVR–10/06
XDIV – XTAL Divide Control
Register
The XTAL Divide Control Register is used to divide the source clock frequency by a
number in the range 2 - 129. This feature can be used to decrease power consumption
when the requirement for processing power is low.
• Bit 7 – XDIVEN: XTAL Divide Enable
When the XDIVEN bit is written one, the clock frequency of the CPU and all peripherals
(clk
I/O, clkADC, clkCPU, clkFLASH) is divided by the factor defined by the setting of XDIV6 -
XDIV0. This bit can be written run-time to vary the clock frequency as suitable to the
application.
• Bits 6..0 – XDIV6..XDIV0: XTAL Divide Select Bits 6 - 0
These bits define the division factor that applies when the XDIVEN bit is set (one). If the
value of these bits is denoted d, the following formula defines the resulting CPU and
peripherals clock frequency f
clk:
The value of these bits can only be changed when XDIVEN is zero. When XDIVEN is
written to one, the value written simultaneously into XDIV6..XDIV0 is taken as the divi-
sion factor. When XDIVEN is written to zero, the value written simultaneously into
XDIV6..XDIV0 is rejected. As the divider divides the master clock input to the MCU, the
speed of all peripherals is reduced when a division factor is used.
Note:
When the system clock is divided, Timer/Counter0 can be used with Asynchronous clock
only. The frequency of the asynchronous clock must be lower than 1/4th of the frequency
of the scaled down Source clock. Otherwise, interrupts may be lost, and accessing the
Timer/Counter0 registers may fail.
Default Clock Source
The device is shipped with CKSEL = “0001” and SUT = “10”. The default clock source
setting is therefore the Internal RC Oscillator with longest startup time. This default set-
ting ensures that all users can make their desired clock source setting using an In-
System or Parallel Programmer.
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can
be configured for use as an On-chip Oscillator, as shown in Figure 19. Either a quartz
crystal or a ceramic resonator may be used. The CKOPT Fuse selects between two dif-
ferent Oscillator amplifier modes. When CKOPT is programmed, the Oscillator output
will oscillate a full rail-to-rail swing on the output. This mode is suitable when operating
in a very noisy environment or when the output from XTAL2 drives a second clock
buffer. This mode has a wide frequency range. When CKOPT is unprogrammed, the
Oscillator has a smaller output swing. This reduces power consumption considerably.
This mode has a limited frequency range and it cannot be used to drive other clock
buffers.
For resonators, the maximum frequency is 8 MHz with CKOPT unprogrammed and
16 MHz with CKOPT programmed. C1 and C2 should always be equal for both crystals
and resonators. The optimal value of the capacitors depends on the crystal or resonator
in use, the amount of stray capacitance, and the electromagnetic noise of the environ-
ment. Some initial guidelines for choosing capacitors for use with crystals are given in
Bit
7
6
543
210
0x3C (0x5C)
XDIVEN
XDIV6
XDIV5
XDIV4
XDIV3
XDIV2
XDIV1
XDIV0
XDIV
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
f
CLK
Source clock
129
d
–
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com