Electronic Components Datasheet Search
  English  ▼

X  

BCM8124 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM8124
Description  10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8124 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM8124 Datasheet HTML 1Page - Broadcom Corporation. BCM8124 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
8125-PB02-R
04/30/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The BCM8125 is a fully integrated MSA-compatible quad-rate SONET/
SDH/10GE receiver operating at OC-192/STM-64, 10GE, and two
different FEC (Forward Error Correction) data rates (9.953, 10.3125,
10.664, and 10.709 Gbps) with deserializer, clock and data recovery
(CDR), and loss-of-signal (LOS) detection circuitry. The BCM8125
provides high-jitter tolerance and low-jitter generation to comply with
Optical Internetworking Forum (OIF), IEEE 802.3ae, Telcordia, ANSI,
and ITU-T standards.
The BCM8125 reference clock input frequency is user-selectable to the
line rate divided by either 16 or 64. The reference clock output and the
LVDS receive parallel bus output can be squelched under user control.
An integrated limiting amplifier provides the BCM8125 with input
sensitivity down to 10 mV single ended, saving the customer cost and
power.
The BCM8125 can be powered with a single 1.8V supply or dual 1.8/
3.3V supply without any special power supply sequencing requirements.
The BCM8125 comes in an 11 x 11 mm, 127-pin BGA package.
RB_LD
TH_LOS0/1/2
POLSEL
RDINP
RDINN
LOS
DETECT
CDR
LSBSEL
RxREFCLKP
RxLCKREF
RxREFSEL
RxREFCLKN
RxRATESEL0/1
RxMUTEDOUT
RxMUTEPOCLK
RxMUTEMCLK
VCP
VCN
LVPECL
Reference Clock
Input
CML
Serial Input
LVDS
Parallel Output
LVDS
Reference Clock
Output
LOSB
RxDOUT0P
RxDOUT0N
RxDOUT15P
RxDOUT15N
RxPOCLKP
RxPOCLKN
RxMCLKP
RxMCLKN
RxLOCKERR
Divide-by-16
Divide-by-4
LIMITING
AMPLIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com