Electronic Components Datasheet Search
  English  ▼

X  

BCM8211 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM8211
Description  2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8211 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM8211 Datasheet HTML 1Page - Broadcom Corporation. BCM8211 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
8211-PB06-R
07/02/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The BCM8211 SONET/SDH transceiver is a fully integrated
serialization/deserialization SONET OC-48 and SDH STM-16 (2.488
Gbps) interface device with an integrated Clock Multiplication Unit
(CMU) and an integrated Clock and Data Recovery (CDR) circuit. On-
chip clock synthesis is performed by the high-frequency, low-jitter,
phase-locked loop on the BCM8211 transceiver, allowing the use of a
slower 77.76/155.52 MHz external transmit clock reference.
Dual RX and TX 2.488-Gbps interfaces support dual-fiber ring
architectures. Clock recovery is performed on the device by
synchronizing its on-chip VCO directly to the incoming data stream.
The low-jitter LVPECL/CMOS interface guarantees compliance with
the bit error rate requirements of the Telcordia GR-253-CORE, ANSI,
and ITU-T standards. The BCM8211 is packaged in a 14 x 20 mm, 128-
pin PQFP.
The BCM8211 operates in either single 2.5V or dual 2.5/3.3V
configuration. The core and CML I/O operate at 2.5V and the LVPECL
I/O can operate at either 2.5V or 3.3V.
F
F
C
D
E
CLK16IP
CLK16IN
DI0
DI15
RESETB
CKSEL
RTSYNC
REF155EN
TXDP
TXDN
TXCKP
TXCKN
TCK16ON
TCK16OP
TXLKDT
RCK16ON
RCK16OP
DO0
DO15
LOSB
RXLKDT
OVFB
REFCKP
REFCKN
DOSQ
RCK16SQ
RDINP0
RDINN0
RDINP1
RDINN1
SELRD1
CLKPMODE
DATPMODE
LOSIB
LP BKFB
TSEL
LPBKSB
A
W
rite
P
ointer
R
ead
P
ointer
O
utput
R
etime
FIFO
C
ontrol
D
E
C
B
E
D
A
B
M
U
X
2.488-GH
z PLL
M
U
X
D
ivide-by-16
M
U
X
CDR
D
ivide-by-16
L
oop-
back
L
ogic
L
oss Detect



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com