Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA6490 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATMEGA6490
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA6490 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATMEGA6490 Datasheet HTML 69Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 70Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 71Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 72Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 73Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 74Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 75Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 76Page - ATMEL Corporation ATMEGA6490 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 375 page
background image
73
ATmega329/3210/649/6410
2552H–AVR–11/06
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 36.
The alternate pin configuration is as follows:
• SEG – Port D, Bit 7:2
SEG, LCD front plane 19/15-24/20.
•INT0/SEG – Port D, Bit 1
INT0, External Interrupt Source 0. The PD1 pin can serve as an external interrupt
source to the MCU.
SEG, LCD front plane 25/21.
• ICP1/SEG – Port D, Bit 0
ICP1 – Input Capture pin1: The PD0 pin can act as an Input Capture pin for
Timer/Counter1.
SEG, LCD front plane 26/22
Table 37 and Table 38 relates the alternate functions of Port D to the overriding signals
shown in Figure 27 on page 65.
Table 36. Port D Pins Alternate Functions (SEG refers to 100-pin/64-pin pinout)
Port Pin
Alternate Function
PD7
SEG (LCD front plane 19/15)
PD6
SEG (LCD front plane 20/16)
PD5
SEG (LCD front plane 21/17)
PD4
SEG (LCD front plane 22/18)
PD3
SEG (LCD front plane 23/19)
PD2
SEG (LCD front plane 24/20)
PD1
INT0/SEG (External Interrupt0 Input or LCD front plane 25/21)
PD0
ICP1/SEG (Timer/Counter1 Input Capture pin or LCD front plane 26/22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com