Electronic Components Datasheet Search
  English  ▼

X  

BYV36G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYV36G
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BYV36G Datasheet HTML 2Page - NXP Semiconductors BYV36G Datasheet HTML 3Page - NXP Semiconductors BYV36G Datasheet HTML 4Page - NXP Semiconductors BYV36G Datasheet HTML 5Page - NXP Semiconductors BYV36G Datasheet HTML 6Page - NXP Semiconductors BYV36G Datasheet HTML 7Page - NXP Semiconductors BYV36G Datasheet HTML 8Page - NXP Semiconductors BYV36G Datasheet HTML 9Page - NXP Semiconductors BYV36G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1996 Jul 01
6
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
BYV36D and E
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.25.
Switched mode application.
Fig.6
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
1.2
0
MSA864
0.4
100
T
( C)
o
I F(AV)
(A)
amb
0.8
BYV36F and G
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.25.
Switched mode application.
Fig.7
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
0
0.4
MBD420
100
I F(AV)
(A)
0.8
1.2
T
( C)
o
amb
Fig.8 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
BYV36A to C
Ttp =60°C; Rth j-tp = 46 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 600 V.
0
8
10 2
110
10 2
10 3
10 4
MBD446
16
t
(ms)
p
10 1
I FRM
(A)
4
12
20
= 0.05
δ
0.1
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com