Electronic Components Datasheet Search
  English  ▼

X  

AT45DCB008 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DCB008
Description  8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DCB008 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DCB008 Datasheet HTML 1Page - ATMEL Corporation AT45DCB008 Datasheet HTML 2Page - ATMEL Corporation AT45DCB008 Datasheet HTML 3Page - ATMEL Corporation AT45DCB008 Datasheet HTML 4Page - ATMEL Corporation AT45DCB008 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
3257C–DFLASH–04/06
AT45DCB008/004/002
3.
Packaging Information
3.1
7DF1 – DataFlash Card
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
7DF1, 7-pad, 2.5 mm Pitch 24 x 32 x 1.4 mm Body DataFlash Card
B
7DF1
11/10/05
BOTTOM VIEW
e
B
LABEL AREA
C
A
E2
D1
D
E1
E
E3
SIDE VIEW
G
F
R0.25 ALL AROUND
3XR1.0
TOP VIEW
1 2 3 4 5 6 7
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
1.30
1.40
1.50
B
2.40 TYP
C
4.00 TYP
D
31.90
32.00
32.10
D1
28.00 REF
E
23.90
24.00
24.10
E1
22.00 REF
E2
20.00 REF
E3
15.00 TYP
F
11.20 REF
G
8.13 TYP
e
2.50 TYP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com