Electronic Components Datasheet Search
  English  ▼

X  

AT43USB325E-AC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 4Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 5Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 6Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 7Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 8Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 9Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 10Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 11Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
8
3355C–USB–4/05
AT43USB325
The I/O memory space contains 64 addresses for CPU peripheral functions as Control Regis-
ters, Timer/Counters, and other I/O functions. The I/O Memory can be accessed directly, or as
the Data Space locations following those of the register file, $20 - $5F.
The AVR uses a Harvard architecture concept – with separate memories and buses for program
and data. The program memory is executed with a single-level pipelining. While one instruction
is being executed, the next instruction is pre-fetched from the program memory. This concept
enables instructions to be executed in every clock cycle. The program memory is a download-
able SRAM or a mask programmed ROM.
With the relative jump and call instructions, the whole 24K address space is directly accessed.
Most AVR instructions have a single 16-bit word format. Every program memory address con-
tains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is stored on the
stack. The stack is effectively allocated in the general data SRAM, and consequently, the stack
size is only limited by the total SRAM size and the usage of the SRAM. All user programs must
initialize the Stack Pointer (SP) in the reset routine (before subroutines or interrupts are exe-
cuted). The 10-bit SP is read/write accessible in the I/O space.
The 512-byte data SRAM can be easily accessed through the five different addressing modes
supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps. A flexible
interrupt module has its control registers in the I/O space with an additional global interrupt
enable bit in the status register. All interrupts have a separate interrupt vector in the interrupt
vector table at the beginning of the program memory. The interrupts have priority in accordance
with their interrupt vector position. The lower the interrupt vector address, the higher the priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com